Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 19Page - Texas Instruments CC2652R Datasheet HTML 20Page - Texas Instruments CC2652R Datasheet HTML 21Page - Texas Instruments CC2652R Datasheet HTML 22Page - Texas Instruments CC2652R Datasheet HTML 23Page - Texas Instruments CC2652R Datasheet HTML 24Page - Texas Instruments CC2652R Datasheet HTML 25Page - Texas Instruments CC2652R Datasheet HTML 26Page - Texas Instruments CC2652R Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
7.15 Peripheral Characteristics
7.15.1 ADC
7.15.1.1 Analog-to-Digital Converter (ADC) Characteristics
Tc = 25 °C, VDDS = 3.0 V and voltage scaling enabled, unless otherwise noted.(1)
Performance numbers require use of offset and gain adjustments in software by TI-provided ADC drivers.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
Resolution
12
Bits
Sample Rate
200
ksps
Offset
Internal 4.3 V equivalent reference(2)
–0.24
LSB
Gain error
Internal 4.3 V equivalent reference(2)
7.14
LSB
DNL(4)
Differential nonlinearity
>–1
LSB
INL
Integral nonlinearity
±4
LSB
ENOB
Effective number of bits
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
9.8
Bits
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone, DC/DC enabled
9.8
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
10.1
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
11.1
Internal reference, voltage scaling disabled,
14-bit mode, 200 kSamples/s, 300 Hz input tone (5)
11.3
Internal reference, voltage scaling disabled,
15-bit mode, 200 kSamples/s, 300 Hz input tone (5)
11.6
THD
Total harmonic distortion
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
–65
dB
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
–70
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
–72
SINAD,
SNDR
Signal-to-noise
and
distortion ratio
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
60
dB
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
63
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
68
SFDR
Spurious-free dynamic range
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
70
dB
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
73
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
75
Conversion time
Serial conversion, time-to-output, 24 MHz clock
50
Clock Cycles
Current consumption
Internal 4.3 V equivalent reference(2)
0.42
mA
Current consumption
VDDS as reference
0.6
mA
Reference voltage
Equivalent fixed internal reference (input voltage scaling
enabled). For best accuracy, the ADC conversion should be
initiated through the TI-RTOS API in order to include the gain/
offset compensation factors stored in FCFG1
4.3(2) (3)
V
Reference voltage
Fixed internal reference (input voltage scaling disabled).
For best accuracy, the ADC conversion should be initiated
through the TI-RTOS API in order to include the gain/offset
compensation factors stored in FCFG1. This value is derived
from the scaled value (4.3 V) as follows:
Vref = 4.3 V × 1408 / 4095
1.48
V
Reference voltage
VDDS as reference, input voltage scaling enabled
VDDS
V
Reference voltage
VDDS as reference, input voltage scaling disabled
VDDS /
2.82(3)
V
www.ti.com
CC2652R7
SWRS253 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com