Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 11Page - Texas Instruments CC2652R Datasheet HTML 12Page - Texas Instruments CC2652R Datasheet HTML 13Page - Texas Instruments CC2652R Datasheet HTML 14Page - Texas Instruments CC2652R Datasheet HTML 15Page - Texas Instruments CC2652R Datasheet HTML 16Page - Texas Instruments CC2652R Datasheet HTML 17Page - Texas Instruments CC2652R Datasheet HTML 18Page - Texas Instruments CC2652R Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
7.10 Bluetooth Low Energy - Receive (RX) (continued)
When measured on the CC26x2R74EM-7ID reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX
path. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Selectivity, ±4 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±4
MHz, BER = 10–3
36 / 34(2)
dB
Selectivity, ±6 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±6
MHz, BER = 10–3
37 / 36(2)
dB
Selectivity, image frequency(1)
Wanted signal at –67 dBm, modulated interferer at image
frequency, BER = 10–3
4
dB
Selectivity, image frequency
±2 MHz(1)
Note that Image frequency + 2 MHz is the Co-channel.
Wanted signal at –67 dBm, modulated interferer at ±2
MHz from image frequency, BER = 10–3
–7 / 36(2)
dB
Out-of-band blocking(3)
30 MHz to 2000 MHz
–16
dBm
Out-of-band blocking
2003 MHz to 2399 MHz
–21
dBm
Out-of-band blocking
2484 MHz to 2997 MHz
–15
dBm
Out-of-band blocking
3000 MHz to 12.75 GHz
–12
dBm
Intermodulation
Wanted signal at 2402 MHz, –64 dBm. Two interferers
at 2408 and 2414 MHz respectively, at the given power
level
–38
dBm
(1)
Numbers given as I/C dB
(2)
X / Y, where X is +N MHz and Y is –N MHz
(3)
Excluding one exception at Fwanted / 2, per Bluetooth Specification
www.ti.com
CC2652R7
SWRS253 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com