Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 5 Page - Texas Instruments

  CC2652R Datasheet HTML 1Page - Texas Instruments CC2652R Datasheet HTML 2Page - Texas Instruments CC2652R Datasheet HTML 3Page - Texas Instruments CC2652R Datasheet HTML 4Page - Texas Instruments CC2652R Datasheet HTML 5Page - Texas Instruments CC2652R Datasheet HTML 6Page - Texas Instruments CC2652R Datasheet HTML 7Page - Texas Instruments CC2652R Datasheet HTML 8Page - Texas Instruments CC2652R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5 Device Comparison
Table 5-1. Device Family Overview
DEVICE
RADIO SUPPORT
FLASH
(KB)
RAM
(KB)
GPIO
PACKAGE SIZE
CC1312R
Sub-1 GHz
352
80-144
30
RGZ (7-mm × 7-mm VQFN48)
CC1352P
Multiprotocol
Sub-1 GHz
Bluetooth 5.2 Low Energy
Zigbee
Thread
2.4 GHz proprietary FSK-based formats
+20-dBm high-power amplifier
352-704
80-144
26
RGZ (7-mm × 7-mm VQFN48)
CC1352R
Multiprotocol
Sub-1 GHz
Bluetooth 5.2 Low Energy
Zigbee
Thread
2.4 GHz proprietary FSK-based formats
352
80
28
RGZ (7-mm × 7-mm VQFN48)
CC2642R
Bluetooth 5.2 Low Energy
2.4 GHz proprietary FSK-based formats
352
80
31
RGZ (7-mm × 7-mm VQFN48)
CC2642R-Q1
Bluetooth 5.2 Low Energy
352
80
31
RTC (7-mm × 7-mm VQFN48)
CC2652R
Multiprotocol
Bluetooth 5.2 Low Energy
Zigbee
Thread
2.4 GHz proprietary FSK-based formats
352-704
80-144
31
RGZ (7-mm × 7-mm VQFN48)
CC2652RB
Multiprotocol
Bluetooth 5.2 Low Energy
Zigbee
Thread
352
80
31
RGZ (7-mm × 7-mm VQFN48)
CC2652P
Multiprotocol
Bluetooth 5.2 Low Energy
Zigbee
Thread
2.4 GHz proprietary FSK-based formats
+19.5-dBm high-power amplifier
352-704
80-144
26
RGZ (7-mm × 7-mm VQFN48)
CC1310
Sub-1 GHz
32–128
16-20
10-31
RGZ (7-mm × 7-mm VQFN48)
RHB (5-mm × 5-mm VQFN32)
RSM (4-mm × 4-mm VQFN32)
www.ti.com
CC2652R7
SWRS253 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com