Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 44Page - Texas Instruments CC2652R Datasheet HTML 45Page - Texas Instruments CC2652R Datasheet HTML 46Page - Texas Instruments CC2652R Datasheet HTML 47Page - Texas Instruments CC2652R Datasheet HTML 48Page - Texas Instruments CC2652R Datasheet HTML 49Page - Texas Instruments CC2652R Datasheet HTML 50Page - Texas Instruments CC2652R Datasheet HTML 51Page - Texas Instruments CC2652R Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
10 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed as follows.
10.1 Tools and Software
The CC2652R7 device is supported by a variety of software and hardware development tools.
Development Kit
CC26x2
LaunchPad™
Development Kit
The CC26x2R LaunchPad™ Development Kit enables development of high-performance
wireless applications that benefit from low-power operation. The kit features the CC2652R
SimpleLink Wireless MCU, which allows you to quickly evaluate and prototype 2.4-
GHz wireless applications such as Bluetooth 5 Low Energy, Zigbee and Thread, plus
combinations of these. The kit works with the LaunchPad ecosystem, easily enabling
additional functionality like sensors, display and more. The built-in EnergyTrace™ software
is an energy-based code analysis tool that measures and displays the application’s energy
profile and helps to optimize it for ultra-low-power consumption. See Table 5-1 for guidance
in selecting the correct device for single-protocol products.
Software
SimpleLink™
CC13X2-
CC26X2 SDK
The SimpleLink CC13X2-CC26X2 Software Development Kit (SDK) provides a complete
package for the development of wireless applications on the CC13X2 / CC26X2 family of
devices. The SDK includes a comprehensive software package for the CC2652R7 device,
including the following protocol stacks:
• Bluetooth Low Energy 4 and 5.2
• Thread (based on OpenThread)
• Zigbee 3.0
• TI 15.4-Stack - an IEEE 802.15.4-based star networking solution for Sub-1 GHz and
2.4 GHz
• EasyLink - a large set of building blocks for building proprietary RF software stacks
• Multiprotocol support - concurrent operation between stacks using the Dynamic
Multiprotocol Manager (DMM)
The SimpleLink CC13X2-CC26X2 SDK is part of TI’s SimpleLink MCU platform, offering a
single development environment that delivers flexible hardware, software and tool options
for customers developing wired and wireless applications. For more information about the
SimpleLink MCU Platform, visit http://www.ti.com/simplelink.
CC2652R7
SWRS253 – MAY 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com