Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 6Page - Texas Instruments CC2652R Datasheet HTML 7Page - Texas Instruments CC2652R Datasheet HTML 8Page - Texas Instruments CC2652R Datasheet HTML 9Page - Texas Instruments CC2652R Datasheet HTML 10Page - Texas Instruments CC2652R Datasheet HTML 11Page - Texas Instruments CC2652R Datasheet HTML 12Page - Texas Instruments CC2652R Datasheet HTML 13Page - Texas Instruments CC2652R Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
7.5 Power Consumption - Power Modes
When measured on the CC26x2R74EM-7ID reference design with Tc = 25 °C, VDDS = 3.0 V with DC/DC enabled unless
otherwise noted.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Core Current Consumption
Icore
Reset and Shutdown
Reset. RESET_N pin asserted or VDDS below power-on-reset threshold
151
nA
Shutdown. No clocks running, no retention
151
Standby
without cache retention
RTC running, CPU, 144KB RAM and (partial) register retention.
RCOSC_LF
1.2
µA
RTC running, CPU, 64KB RAM and (partial) register retention.
RCOSC_LF
1.1
µA
RTC running, CPU, 144KB RAM and (partial) register retention
XOSC_LF
1.3
µA
Standby
with cache retention
RTC running, CPU, 144KB RAM and (partial) register retention.
RCOSC_LF
2.6
µA
RTC running, CPU, 144KB RAM and (partial) register retention.
XOSC_LF
2.8
µA
Idle
Supply Systems and RAM powered
RCOSC_HF
669
µA
Icore
Active
MCU running CoreMark at 48 MHz
RCOSC_HF
3.87
mA
Peripheral Current Consumption
Iperi
Peripheral power
domain
Delta current with domain enabled
97.7
µA
Serial power domain
Delta current with domain enabled
7.2
RF Core
Delta current with power domain enabled,
clock enabled, RF core idle
211
µDMA
Delta current with clock enabled, module is idle
63.9
Timers
Delta current with clock enabled, module is idle(3)
81.0
I2C
Delta current with clock enabled, module is idle
10.1
I2S
Delta current with clock enabled, module is idle
26.3
SSI
Delta current with clock enabled, module is idle
82.9
UART
Delta current with clock enabled, module is idle(1)
168
CRYPTO (AES)
Delta current with clock enabled, module is idle(2)
25.6
PKA
Delta current with clock enabled, module is idle
84.7
TRNG
Delta current with clock enabled, module is idle
35.6
Sensor Controller Engine Consumption
ISCE
Active mode
24 MHz, infinite loop
852
µA
Low-power mode
2 MHz, infinite loop
33.7
(1)
Only one UART running
(2)
Only one SSI running
(3)
Only one GPTimer running
CC2652R7
SWRS253 – MAY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com