Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 32Page - Texas Instruments CC2652R Datasheet HTML 33Page - Texas Instruments CC2652R Datasheet HTML 34Page - Texas Instruments CC2652R Datasheet HTML 35Page - Texas Instruments CC2652R Datasheet HTML 36Page - Texas Instruments CC2652R Datasheet HTML 37Page - Texas Instruments CC2652R Datasheet HTML 38Page - Texas Instruments CC2652R Datasheet HTML 39Page - Texas Instruments CC2652R Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
7.16.6 ADC Performance
Frequency [kHz]
ENOB vs. Input Frequency
0.2
0.3
0.5 0.7
1
2
3
4 5 6 7 8 10
20
30 40 50
70 100
9.6
9.9
10.2
10.5
10.8
11.1
11.4
D061
Internal Reference, No Averaging
Internal Unscaled Reference, 14-bit Mode
Figure 7-23. ENOB vs. Input Frequency
Frequency [kHz]
ENOB vs. Sampling Frequency
Vin = 3.0 V Sine wave, Internal reference,
Fin = Fs / 10
1
2
3
4
5 6 7 8 10
20
30
40 50
70
100
200
9.8
9.85
9.9
9.95
10
10.05
10.1
10.15
10.2
D062
Figure 7-24. ENOB vs. Sampling Frequency
ADC Code
INL vs. ADC Code
Vin = 3.0 V Sine wave, Internal reference,
200 kSamples/s
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
-1.5
-1
-0.5
0
0.5
1
1.5
D064
Figure 7-25. INL vs. ADC Code
ADC Code
DNL vs. ADC Code
Vin = 3.0 V Sine wave, Internal reference,
200 kSamples/s
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
-0.5
0
0.5
1
1.5
2
2.5
D065
Figure 7-26. DNL vs. ADC Code
Temperature [°C]
ADC Accuracy vs. Temperature
Vin = 1 V, Internal reference,
200 kSamples/s
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
1.009
1.01
D066
Figure 7-27. ADC Accuracy vs. Temperature
Voltage [V]
ADC Accuracy vs. VDDS
Vin = 1 V, Internal reference,
200 kSamples/s
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
1.009
1.01
D067
Figure 7-28. ADC Accuracy vs. Supply Voltage (VDDS)
CC2652R7
SWRS253 – MAY 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com