Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 28Page - Texas Instruments CC2652R Datasheet HTML 29Page - Texas Instruments CC2652R Datasheet HTML 30Page - Texas Instruments CC2652R Datasheet HTML 31Page - Texas Instruments CC2652R Datasheet HTML 32Page - Texas Instruments CC2652R Datasheet HTML 33Page - Texas Instruments CC2652R Datasheet HTML 34Page - Texas Instruments CC2652R Datasheet HTML 35Page - Texas Instruments CC2652R Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
7.16.3 TX Current
Temperature [°C]
TX Current vs. Temperature
Bluetooth Low Energy 1 Mbps, 2.44 GHz, 0 dBm
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
6
6.15
6.3
6.45
6.6
6.75
6.9
7.05
7.2
7.35
7.5
7.65
7.8
7.95
8.1
8.25
8.4
8.55
8.7
8.85
9
D018
Figure 7-8. TX Current vs. Temperature (Bluetooth Low Energy
1 Mbps, 2.44 GHz)
Voltage [V]
TX Current vs. VDDS
Bluetooth Low Energy
1 Mbps, 2.44 GHz, 0 dBm
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
D024
Figure 7-9. TX Current vs. Supply Voltage (VDDS) (Bluetooth
Low Energy 1 Mbps, 2.44 GHz)
Table 7-1. Typical TX Current and Output Power
CC2652R at 2.4 GHz, VDDS = 3.0 V (Measured on CC2652REM-7ID)
txPower
TX Power Setting (SmartRF Studio)
Typical Output Power [dBm]
Typical Current Consumption [mA]
0x7217
5
4.9
9.5
0x4E63
4
3.9
9.0
0x385D
3
2.8
8.6
0x3259
2
1.8
8.0
0x2856
1
0.9
7.6
0x2853
0
-0.3
7.3
0x12D6
-5
-4.9
6.2
0x0ACF
-10
-9.4
5.6
0x06CA
-15
-14.5
5.2
0x04C6
-20
-20.3
4.8
CC2652R7
SWRS253 – MAY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com