Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 2Page - Maxim Integrated Products MAX20004 Datasheet HTML 3Page - Maxim Integrated Products MAX20004 Datasheet HTML 4Page - Maxim Integrated Products MAX20004 Datasheet HTML 5Page - Maxim Integrated Products MAX20004 Datasheet HTML 6Page - Maxim Integrated Products MAX20004 Datasheet HTML 7Page - Maxim Integrated Products MAX20004 Datasheet HTML 8Page - Maxim Integrated Products MAX20004 Datasheet HTML 9Page - Maxim Integrated Products MAX20004 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFSYNC = 0V, RFOSC = 12kΩ, TA = +25°C, unless otherwise noted.)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VSUP(V)
VBIAS vs. VSUP
toc09
VOUT = 3.3V
fSW= 2.2MHz
IOUT = 0.1A
IOUT = 6A
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
10
30
50
70
90
110
130
150
ROSC(kΩ)
SWITCHING FREQUENCY vs. RFOSC
toc07
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0
1
2
3
4
5
6
7
8
IOUT (A)
LOAD REGULATION
toc11
VIN= 14V
PWM MODE
400kHz
2.2MHz
5V/div
1V/div
toc08
200ns/div
VLX
VSYNC
SYNC FUNCTION
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0
1
2
3
4
5
6
7
8
IOUT (A)
LOAD REGULATION
toc12
VIN= 14V
SKIP MODE
400kHz
2.2MHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
1
2
3
4
5
6
IOUT (A)
DROPOUT VOLTAGE vs. IOUT
toc10
VOUT = 95% of VSET
L = COILCRAFT XAL6030-102
VSET= 5V
VSET= 3.3V
Typical Operating Characteristics
Maxim Integrated │ 6
www.maximintegrated.com
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com