Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20004 Datasheet HTML 1Page - Maxim Integrated Products MAX20004 Datasheet HTML 2Page - Maxim Integrated Products MAX20004 Datasheet HTML 3Page - Maxim Integrated Products MAX20004 Datasheet HTML 4Page - Maxim Integrated Products MAX20004 Datasheet HTML 5Page - Maxim Integrated Products MAX20004 Datasheet HTML 6Page - Maxim Integrated Products MAX20004 Datasheet HTML 7Page - Maxim Integrated Products MAX20004 Datasheet HTML 8Page - Maxim Integrated Products MAX20004 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SUP, EN, SUPSW to PGND..................................-0.3V to +40V
LX to PGND (Note 1) ........................ -0.3V to (VSUPSW + 0.3V)
BIAS, RESET to GND ..........................................-0.3V to +6.0V
FOSC, COMP to GND............................-0.3V to (VBIAS + 0.3V)
SYNC, FB to GND..................................-0.3V to (VBIAS + 0.3V)
GND to PGND......................................................-0.3V to +0.3V
OUT to PGND .......................................................-0.3V to +12V
BST to LX ...............................................................-0.3V to +6V
LX Continuous RMS Current ..................................................8A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70°C)
17-Pin FC2QFN (derate 29.4mW/°C > 70°C) .......... 2553mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature Range................................................+300°C
Soldering Temperature (reflow).......................................+260°C
(VSUP = VSUPSW = VEN = 14V. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C under normal
conditions, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUP,
VSUPSW
3.5
36
V
Supply Voltage Range
VSUP,
VSUPSW
After startup
3.0
V
Supply Current
ISUP
Skip mode, no load
VOUT = 3.3V
25
32
µA
VOUT = 5.0V
30
42
Shutdown Supply Current
ISHDN
VEN = 0V
5
10
µA
BIAS Regulator Voltage
VBIAS
VSUP = VSUPSW = 6V to 40V IBIAS < 10mA,
BIAS not switched over to VOUT
5
V
BIAS Undervoltage
Lockout
VUVBIAS
VBIAS rising
2.7
3
3.3
V
17 FC2QFN
Package Code
F173A3FY+1
Outline Number
21-100155
Land Pattern Number
90-100056
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
27°C/W
Junction to Case (θJC)
2.6°C/W
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Self-protected from transient voltages exceeding these limits in circuit under normal operation.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Electrical Characteristics
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the EV kit. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com