Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 12Page - Maxim Integrated Products MAX20004 Datasheet HTML 13Page - Maxim Integrated Products MAX20004 Datasheet HTML 14Page - Maxim Integrated Products MAX20004 Datasheet HTML 15Page - Maxim Integrated Products MAX20004 Datasheet HTML 16Page - Maxim Integrated Products MAX20004 Datasheet HTML 17Page - Maxim Integrated Products MAX20004 Datasheet HTML 18Page - Maxim Integrated Products MAX20004 Datasheet HTML 19Page - Maxim Integrated Products MAX20004 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
3/18
Initial release
—
1
5/18
Removed future product status from MAX20006AFOA/VY+ and
MAX20008AFOC/VY+ variants in the Ordering Information/Selector Guide table
19
2
8/18
Updated the Package Information table, and Reset Output (RESET), Setting
the Output Voltage, Output Capacitor, and Compensation Network sections
; reformatted the Typical Operating Characteristics charts; replaced TOC17
and TOC18; and removed future product designation from MAX2006AFOB/
VY+, MAX2006AFOB/VY+, MAX2006AFOB/VY+, MAX2006AFOB/VY+,
MAX2006AFOB/VY+, and MAX2006AFOB/VY+
2, 5–7, 10
12–16, 19
3
11/18
Removed future product status from MAX20004AFOA/VY+, MAX20004AFOB/
VY+, MAX20004AFOC/VY+, and MAX20004AFOD/VY+ variants in the Ordering
Information/Selector Guide table
19
4
1/19
Updated land pattern number in Package Information table
2
5
1/19
Updated thermal resistance values in Package Information table and added VOUT
(external resistor-divider) column to Ordering Information/Selector Guide table
2, 19
6
2/19
Added “automotive” to product description
1–19
7
9/19
Updated Typical Application Circuit, Pin Description, and Detailed Description
1, 8, 11
8
11/19
Updated Pin Description, and Detailed Description
8, 11
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits)
shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2018 Maxim Integrated Products, Inc. │ 20
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
Revision History
For pricing, delivery, and ordering information, please visit Maxim Integrated’s online storefront at
https://www.maximintegrated.com/en/storefront/storefront.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com