Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 8Page - Maxim Integrated Products MAX20004 Datasheet HTML 9Page - Maxim Integrated Products MAX20004 Datasheet HTML 10Page - Maxim Integrated Products MAX20004 Datasheet HTML 11Page - Maxim Integrated Products MAX20004 Datasheet HTML 12Page - Maxim Integrated Products MAX20004 Datasheet HTML 13Page - Maxim Integrated Products MAX20004 Datasheet HTML 14Page - Maxim Integrated Products MAX20004 Datasheet HTML 15Page - Maxim Integrated Products MAX20004 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Applications Information
Maximum Output Current
While there are device versions that supply up to 8A,
there are many factors that may limit the average output
current to less than the maximum. The devices can be
thermally limited based on the selected fSW, number of
PCB layers, PCB size, and the maximum ambient tem-
perature. See the Typical Operating Characteristics sec-
tion for guidance on the maximum average current. For a
more precise value, the θJA needs to be measured in the
application environment.
Setting the Output Voltage
Connect FB to BIAS for a fixed 5V or 3.3V output volt-
age. To set the output to other voltages between 1V and
10V, connect a resistive divider from output (OUT) to FB
(Figure 1). Select RFB2 (FB to GND resistor) less than or
equal to 100kΩ. Calculate RFB1 (OUT to FB resistor) with
the following equation:
OUT
FB1
FB2
FB
V
RR
1
V
=
−
where VFB is the feedback regulation voltage. See the
Electrical Characteristics table.
Add a capacitor, CFB1, as shown to compensate the pole
formed by the divider resistance and FB pin capacitance
as follows:
FB2
FB1
FB1
R
C
10pf
R
=
× 
Note: Applications that use a resistor divider to set
output voltages below 4.5V should use IC versions
that are factory trimmed for 3.3V fixed output voltage
to ensure full output current capability.
Forced-PWM and Skip Modes
In forced-PWM (FPWM) mode, the devices switch at a
constant frequency with variable on-time. In skip mode,
the converter’s switching frequency is load-dependent.
At higher load current, the switching frequency becomes
fixed and operation is similar to PWM mode. Skip mode
helps improve efficiency in light-load applications by
allowing switching only when the output voltage falls
below a set threshold. Since the effective switching
frequency is lower in skip mode at light load, gate charge
and switching losses are lower and efficiency is increased.
Inductor Selection
Three key parameters must be considered when select-
ing an inductor: inductance value (L), inductor saturation
current (ISAT), and DC resistance (RDCR). The devises
are designed to operate with the ratio of inductor peak-
to-peak AC current to DC average current (LIR) between
15% and 30% (typ). The switching frequency, input volt-
age, and output voltage then determine the inductor value
as follows:
(
)
SUP
OUT
OUT
MIN1
SUP
SW
MAX
VV
V
L
V
f
I
30%
−
×
=
××
×
where VSUP and VOUT are typical values (so that effi-
ciency is optimum for typical conditions) and IMAX is 4A
for MAX20004, 6A for MAX20006, and 8A for MAX20008,
and fSW is the switching frequency set by RFOSC. Note
that IMAX is the maximum rated output current for the
device, not the maximum load current in the application.
The next equation ensures that the internal compensating
slope is greater than 50% of the inductor current down slope:
m2
m
2
≥
where m is the internal compensating slope and m2 is the
sensed inductor current down-slope as follows:
OUT
CS
V
m2
R
L
=
×
where RCS is 0.38 for MAX20004, 0.28 for MAX20006,
and 0.21 for MAX20008.
SW
Vf
1.35
s
m
2.2MHz
=
×
µ
Solving for L and using a 1.3 multiplier to account for
tolerances in the system:
CS
MIN2
OUT
R
L
V
1.3
2m
=
×
×
×
Figure 1. Adjustable Output-Voltage Setting
VOUT
CFB1
FB
RFB2
RFB1
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com