Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 5Page - Maxim Integrated Products MAX20004 Datasheet HTML 6Page - Maxim Integrated Products MAX20004 Datasheet HTML 7Page - Maxim Integrated Products MAX20004 Datasheet HTML 8Page - Maxim Integrated Products MAX20004 Datasheet HTML 9Page - Maxim Integrated Products MAX20004 Datasheet HTML 10Page - Maxim Integrated Products MAX20004 Datasheet HTML 11Page - Maxim Integrated Products MAX20004 Datasheet HTML 12Page - Maxim Integrated Products MAX20004 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PIN
NAME
FUNCTION
15
COMP
Error-Amplifier Output. Connect an RC network from COMP to GND for stable operation. See the
Compensation Network section for more details.
16
FB
Feedback Input. Connect an external resistive divider from OUT to FB and GND to set the output voltage.
Connect FB to BIAS to set the output voltage to 5V or 3.3V.
17
FOSC
Resistor-Programmable Switching Frequency Setting Control Input. Connect a resistor from FOSC to GND to
set the switching frequency.
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 9
Internal Block Diagram
Pin Description (continued)
SKIP CURRENT
COMP
PEAK CURRENT
COMP
PWM
COMP
CONTROL LOGIC
CURRENT-SENSE
AMP
BST
LX
BIAS
PGND
SUPSW
LX
PGND
ZX
COMP
∑
CLK
FPWM
RAMP
GENERATOR
CLK
SOFT-START
GENERATOR
VREF
POK
PGOOD
COMP
ERROR
AMP
FEEDBACK
SELECT
FB
MAIN
CONTROL
LOGIC
VOLTAGE
REFERENCE
OTP
OSC
CLK
FPWM
SYNC
EN
POK
RESET
TRIMBITS
VREF
SEL
GND
BIAS LDO
SUP
BIAS
FOSC
GND
COMP
OUT
MAX20004
MAX20006
MAX20008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com