Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 3Page - Maxim Integrated Products MAX20004 Datasheet HTML 4Page - Maxim Integrated Products MAX20004 Datasheet HTML 5Page - Maxim Integrated Products MAX20004 Datasheet HTML 6Page - Maxim Integrated Products MAX20004 Datasheet HTML 7Page - Maxim Integrated Products MAX20004 Datasheet HTML 8Page - Maxim Integrated Products MAX20004 Datasheet HTML 9Page - Maxim Integrated Products MAX20004 Datasheet HTML 10Page - Maxim Integrated Products MAX20004 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFSYNC = 0V, RFOSC = 12kΩ, TA = +25°C, unless otherwise noted.)
10V/div
5V/div
toc15
4ms/div
VIN
IOUT
VIN STARTUP BEHAVIOR
VOUT
VRESET
2V/div
2A/div
EN = VIN
4.99
5.00
5.01
5.02
5.03
5.04
5.05
6
12
18
24
30
36
VIN(V)
VOUT vs. VIN
toc13
PWM MODE
ILOAD= 0A
400kHz
2.2MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
1
2
3
4
5
6
7
8
IOUT (A)
TJ_RISE vs. IOUT
toc17
fSW= 2.2MHz
VIN = 14V
PWM MODE
TA = 25°C
VOUT = 5V
VOUT = 3.3V
5V/div
5V/div
toc14
4ms/div
VEN
IOUT
ENABLE STARTUP BEHAVIOR
VOUT
VRESET
2V/div
2A/div
VIN= 14V
0
10
20
30
40
50
60
70
80
1
2
3
4
5
6
7
8
IOUT (A)
TJ_RISE vs. IOUT
toc18
fSW = 400kHz
VIN = 14V
PWM MODE
TA = 25°C
VOUT = 5V
VOUT = 3.3V
2V/div
10V/div
20A/div
toc16
20ms/div
VOUT
VLX
SHORT CIRCUIT AND RECOVERY
IOUT
Typical Operating Characteristics
Maxim Integrated │ 7
www.maximintegrated.com
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com