Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 12Page - Maxim Integrated Products MAX20004 Datasheet HTML 13Page - Maxim Integrated Products MAX20004 Datasheet HTML 14Page - Maxim Integrated Products MAX20004 Datasheet HTML 15Page - Maxim Integrated Products MAX20004 Datasheet HTML 16Page - Maxim Integrated Products MAX20004 Datasheet HTML 17Page - Maxim Integrated Products MAX20004 Datasheet HTML 18Page - Maxim Integrated Products MAX20004 Datasheet HTML 19Page - Maxim Integrated Products MAX20004 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
function is the product of the product of the modulator,
compensator, and feedback transfer functions as follows:
REF
OUT
EA
EA
OUT
CS
z_esr
z_comp
p_load
p1_comp
p2_comp
VR
F(s)C(s)M(s)
G
R
VR
ss
11
ss
s
11
1
=
×
×
×

++

ωω

×


++
+


ωω
ω


The goal of compensation design is to reduce the loop
transfer function to an approximate single-pole system
with -20dB/decade gain slope and 90 degrees phase
margin at the crossover frequency. To achieve this, the
compensator zero is used to cancel the load pole, and
the compensator high frequency pole is used to cancel
the ESR zero. Assuming these cancellations, the loop
transfer function reduces to the following:
REF
OUT
OUT
CS
EA
EA
p1_comp
VR
F(s)C(s)M(s)
VR
1
GR
s
1
=
×
×
××

+

ω

To derive the compensation components, the magnitude
of the loop gain at the crossover frequency is set equal to
1 and solved for CC as follows (assuming the magnitude of
the compensator pole at the crossover frequency is >>1):
(
)
REF
OUT
EA
EA
OUT
CS
C
EA
C
VR
GR
VR
1
1
2f
R
C
×
×
×
×
=
π×
×
×
REF
OUT
EA
C
C
OUT
CS
VR
G
C
2f
V
R
×
×
=
π×
×
×
Setting the compensator zero frequency equal to the load
pole frequency and solving for RC yields:
C
C
OUT
OUT
11
2R
C
2R
C
=
π×
×
π×
×
OUT
CS
OUT
C
C
REF
EA
2C
R
V
f
R
VG
π×
×
×
×
=
×
The above leads to an alternative equation for CC as
follows:
OUT
OUT
C
C
RC
C
R
×
=
Finally, setting the high-frequency compensator pole
equal to the minimum of the ESR zero frequency or 1/2
the switching frequency and solving for CF yields:
SW
C
F
ESR
OUT
1
f1
Min
,
2R
C
2 2R
C
=
π×
×
π×
×
F
SW
C
ESR
OUT
1
C
f1
2
R
Min
,
22
R
C
=
π×
×
π×
×
The above equation leads to the following compensation
design procedure:
1) Select a crossover frequency equal to one tenth of
the switching frequency (fSW/10) or 100kHz, which-
ever is lower.
2) Calculate and select the compensation resistor, RC.
3) Calculate and select the compensation capacitor, CC.
4) Calculate and select compensation capacitor CF.
5) Evaluate the gain and phase of the final loop transfer
function at the crossover frequency and adjust cross-
over frequency and/or compensation as required.
6) Verify the final design with transient line/load response
testing and gain-phase measurements and adjust as
required.
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com