Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 12Page - Maxim Integrated Products MAX20004 Datasheet HTML 13Page - Maxim Integrated Products MAX20004 Datasheet HTML 14Page - Maxim Integrated Products MAX20004 Datasheet HTML 15Page - Maxim Integrated Products MAX20004 Datasheet HTML 16Page - Maxim Integrated Products MAX20004 Datasheet HTML 17Page - Maxim Integrated Products MAX20004 Datasheet HTML 18Page - Maxim Integrated Products MAX20004 Datasheet HTML 19Page - Maxim Integrated Products MAX20004 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
PCB Layout Guidelines
Careful PCB layout is critical for stability, low-noise/
EMI and overall performance. Use a multilayer board
whenever possible for better noise immunity and power
dissipation. See Figure 4 for the following guidelines for
good PCB layout:
1) Use the correct footprint for the IC and place as
many copper planes as possible under the IC foot-
print to ensure efficient heat transfer.
2) Place the ceramic input bypass capacitors (CBP and
CIN) as close as possible to the SUPSW and PGND
pins on the same side as the IC. Use low-impedance
connections (no vias or other discontinuities) be-
tween the capacitors and IC pins. CBP should be
located closest to the IC and should have very good
high-frequency performance (small package size,
low inductance, and high. Use flexible terminations
or other technologies instead of series capacitors
for these functions if failure modes are a concern.
This approach provides the best EMI rejection and
minimizes internal noise on the device, which can
degrade performance.
3) Place the inductor (L), output capacitors (COUT),
boost capacitor (CBST) and BIAS capacitor (CB) on
the same side as the IC in such a way as to minimize
the area enclosed by the current loops. Place the
inductor (L) as close as possible to the IC LX pin and
minimize the area of the LX node. Place the output
capacitors (COUT) near the inductor and the ground
side of COUT near the CIN ground connection so as
to minimize the current the loop area. Place the BIAS
capacitor (CB) next to the BIAS pin.
4) Use a contiguous copper GND plane on the layer
next to the IC to provide an image plane and shield
the entire circuit. GND should also be poured around
the entire circuit on the top side. Use a single GND:
do not separate or isolate PGND and GND connec-
tions with separate planes or copper areas. Ensure
that all heat-dissipating components have adequate
connections to copper for cooling. Use multiple vias
to interconnect GND planes/areas for low impedance
and maximum heat dissipation. Place vias at the GND
terminals of the IC, input/output/bypass capacitors,
and other components.
5) Place the compensation network (CF, CC, RC) near
the COMP pin so that the ground connections are as
short as possible to the GND pin. Keep high frequency
signals away from these components.
6) Place the oscillator set resistor (RF) near the FSET
pin so that the ground connection is as short as
possible to the GND pin. Keep high-frequency signals
away from this component.
7) Place the feedback resistor-divider (if used) near
the IC and route the feedback and OUT connections
away from the inductor and LX node and other noisy
signals.
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com