Electronic Components Datasheet Search
  English  ▼

X  

MAX20004 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 7Page - Maxim Integrated Products MAX20004 Datasheet HTML 8Page - Maxim Integrated Products MAX20004 Datasheet HTML 9Page - Maxim Integrated Products MAX20004 Datasheet HTML 10Page - Maxim Integrated Products MAX20004 Datasheet HTML 11Page - Maxim Integrated Products MAX20004 Datasheet HTML 12Page - Maxim Integrated Products MAX20004 Datasheet HTML 13Page - Maxim Integrated Products MAX20004 Datasheet HTML 14Page - Maxim Integrated Products MAX20004 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
between SYNC and BIAS, so it is important when driving
SYNC with an external source that the voltage be less
than or equal to BIAS (or OUT in the case of switchover).
If this cannot be guaranteed, place a series resistor in-line
with SYNC ≥ 20kΩ to limit the input current. If EN is low,
BIAS is turned off so a voltage should not be present on
SYNC without the series resistor.
System Enable (EN)
An enable control input (EN) activates the devices from
their low-power shutdown mode. EN is compatible with
inputs from automotive battery level down to 3.5V.
EN turns on the internal linear (BIAS) regulator. Once
VBIAS is above the internal lockout threshold (VUVBIAS =
3V (typ)), the converter activates and the output voltage
ramps up with the programmed soft-start time.
A logic-low at EN shuts down the device. During shut-
down, the BIAS regulator and gate drivers turn off.
Shutdown is the lowest power state and reduces the
quiescent current to 5μA (typ). Drive EN high to bring the
device out of shutdown.
For safe startup, ensure that VSUP > 7.5V when EN is
toggled high. In all applications, BIAS capacitance guide-
lines must be followed to ensure safe operation of the IC.
Note: In all applications, BIAS must start from < 0.3V or
> 1.6V during startup.
Spread-Spectrum Option
The devices can be ordered with spread spectrum
enabled. See the Ordering Information/Selector Guide
section. When the spread spectrum is factory enabled,
the operating frequency is varied ±3% centered on FOSC.
The modulation signal is a triangular wave with a fre-
quency of 4.5kHz at 2.2MHz.
For operations at FOSC values other than 2.2MHz, the
modulation signal scales proportionally (e.g., at 400kHz,
the modulation frequency reduces by 0.4MHz/2.2MHz).
The internal spread spectrum is disabled if the devices
are synchronized to an external clock. However, the
devices do not filter the input clock on the SYNC pin and
pass any modulation (including spread spectrum) present
driving the external clock.
Internal Oscillator (FOSC)
The switching frequency (fSW) is set by a resistor
(RFOSC) connected from FOSC to GND. To determine
the approximate value of RFOSC for a given fSW, use the
graph in the Typical Operating Characteristics section or
the following equation:
FOSC
SW
29,600
R
1.48
f
=
−
where fSW is in kHz and RFOSC is in kΩ. For example, a
400kHz switching frequency is set with RFOSC = 72.5kΩ.
Higher frequencies allow designs with lower inductor
values and less output capacitance at the expense of
reduced efficiency and higher EMI.
Thermal-Shutdown Protection
Thermal shutdown protects the device from excessive
operating temperature. When the junction temperature
exceeds the specified threshold, an internal sensor shuts
down the internal bias regulator and the step-down con-
verter, allowing the IC to cool. The sensor turns the IC on
again after the junction temperature cools by the specified
hysteresis.
Current Limit/Short-Circuit Protection
The devices feature a current limit that protects them
against short-circuit and overload conditions at the out-
put. In the event of a short-circuit or overload condition,
the high-side MOSFET remains on until the inductor
current reaches the specified LX current-limit threshold.
The converter then turns the high-side MOSFET off and
the low-side MOSFET on to allow the inductor current to
ramp down. Once the inductor current crosses below the
current-limit threshold, the converter turns on the high-
side MOSFET again. This cycle repeats until the short or
overload condition is removed.
A hard short is detected when the output voltage falls
below 50% of the target while in current limit. If this
occurs, hiccup mode activates, and the output turns off
for four times the soft-start time. The output then enters
soft-start and powers back up. This repeats indefinitely
while the short circuit is present. Hiccup mode is disabled
during soft-start.
Overvoltage Protection
If the output voltage exceeds the OV protection rising
threshold, the high-side MOSFET turns off and the low-
side MOSFET turns on. Normal operation resumes when
the output voltage goes below the falling OV threshold.
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com