Electronic Components Datasheet Search
  English  ▼

X  

IMXRT500EC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMXRT500EC
Description  i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT500EC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMXRT500EC Datasheet HTML 1Page - NXP Semiconductors IMXRT500EC Datasheet HTML 2Page - NXP Semiconductors IMXRT500EC Datasheet HTML 3Page - NXP Semiconductors IMXRT500EC Datasheet HTML 4Page - NXP Semiconductors IMXRT500EC Datasheet HTML 5Page - NXP Semiconductors IMXRT500EC Datasheet HTML 6Page - NXP Semiconductors IMXRT500EC Datasheet HTML 7Page - NXP Semiconductors IMXRT500EC Datasheet HTML 8Page - NXP Semiconductors IMXRT500EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
i.MX RT500 Low-Power
Crossover Processor
The i.MX RT500 is a family of dual-core microcontrollers for
embedded applications featuring an Arm Cortex-M33 CPU
combined with a Cadence® Xtensa® Fusion F1 Audio Digital
Signal Processor CPU. The Cortex-M33 includes two hardware
coprocessors providing enhanced performance for an array of
complex algorithms along with a 2D Vector GPU with LCD
Interface and MIPI DSI PHY. The family offers a rich set of
peripherals and very low power consumption. The device has up
to 5 MB SRAM, two FlexSPIs (Octal/Quad SPI Interfaces) each
with 32 KB cache, one with dynamic decryption, high-speed USB
device/host + PHY, 12-bit 1 MS/s ADC, Analog Comparator,
Audio subsystems supporting up to 8 DMIC channels, 2D GPU
and LCD Controller with MIPI DSI PHY, SDIO/eMMC; FlexIO;
AES/SHA/Crypto M33 coprocessor and PUF key generation
Control processor core
• Arm Cortex-M33 processor, running at frequencies of
up to 200 MHz
• Arm TrustZone
• Arm Cortex-M33 built-in Memory Protection Unit (MPU)
supporting eight regions
• Single-precision Hardware Floating Point Unit (FPU).
• Arm Cortex-M33 built-in Nested Vectored Interrupt
Controller (NVIC).
• Non-maskable Interrupt (NMI) input.
• Two coprocessors for the Cortex-M33: a hardware
accelerator for fixed and floating point DSP functions
(PowerQuad) and a Crypto/FFT engine (Casper). The
DSP coprocessor uses a bank of four dedicated 2 KB
SRAMs. The Crypto/FFT engine uses a bank of two 2
KB SRAMs that are also AHB accessible by the CPU
and the DMA engine.
• Serial Wire Debug with eight break points, four watch
points, and a debug timestamp counter. It includes
Serial Wire Output (SWO) trace and ETM trace.
• Cortex-M33 System tick timer
DSP processor core
• Cadence Tensilica Fusion F1 DSP processor, running
at frequencies of up to 200 MHz.
• Hardware Floating Point Unit.
• Serial Wire Debug (shared with Cortex-M33 Control
Domain CPU).
Communication interface
• 9 configurable universal serial interface modules
(Flexcomm Interfaces). Each module contains an
integrated FIFO and DMA support. Each of the nine
modules can be configured as:
• A USART with dedicated fractional baud rate
generation and flow-control handshaking
signals. The USART can optionally be clocked
at 32 kHz and operated when the chip is in
reduced power mode, using either the 32 kHz
clock or an externally supplied clock. The
USART also provides partial support for
LIN2.2.
• An I2C-bus interface with multiple address
recognition, and a monitor mode. It supports
400 Kb/sec Fast-mode and 1 Mb/sec Fast-
mode Plus. It also supports 3.4 Mb/sec high-
speed when operating in slave mode.
• An SPI interface.
• An I2S (Inter-IC Sound) interface for digital
audio input or output. Each I2S supports up to
four channel-pairs.
• Two additional high-speed SPI interfaces supporting
50 MHz operation
• One additional I2C interface with open-drain pads
• Two I3C bus interfaces
• A digital microphone interface supporting up to 8
channels with associated decimators and Voice
MIMXRT5XXSFFOC
MIMXRT5XXSFFOCR
MIMXRT5XXSFAWCR
249 FOWLP 7.0mm x
7.0mm x 0.725mm,
0.4mm pitch
141 WLCSP 4.525mm
x 4.525mm x 0.49mm,
0.35mm pitch
NXP Semiconductors
IMXRT500EC
Data Sheet: Technical Data
Rev. 0, 02/2021
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com