Electronic Components Datasheet Search
  English  ▼

X  

IMXRT500EC Datasheet(PDF) 24 Page - NXP Semiconductors

Part # IMXRT500EC
Description  i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT500EC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button IMXRT500EC Datasheet HTML 20Page - NXP Semiconductors IMXRT500EC Datasheet HTML 21Page - NXP Semiconductors IMXRT500EC Datasheet HTML 22Page - NXP Semiconductors IMXRT500EC Datasheet HTML 23Page - NXP Semiconductors IMXRT500EC Datasheet HTML 24Page - NXP Semiconductors IMXRT500EC Datasheet HTML 25Page - NXP Semiconductors IMXRT500EC Datasheet HTML 26Page - NXP Semiconductors IMXRT500EC Datasheet HTML 27Page - NXP Semiconductors IMXRT500EC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 119 page
background image
Table 12. Power consumption in deep sleep mode (continued)
Symbol
Parameter
Conditions
Min
Typ1, 2
Max3
Unit
IVDDA_1V8 supply current Deep-sleep mode; SRAM (128 KB) powered, Internal
LDO disabled. Array On, Periphery Off
-
11.8
-
μA
IVREFP
supply current Deep-sleep mode; SRAM (128 KB) powered, Internal
LDO disabled. Array On, Periphery Off
-
0.02
-
μA
IUSB1_VDD
3V3
supply current Deep-sleep mode; SRAM (128 KB) powered, Internal
LDO disabled. Array On, Periphery Off
-
1.10
-
μA
1. Typical ratings are not guaranteed. Typical values listed are at room temperature (25 °C). All power supplies = 1.8 V,
except USB1_VDD3V3=3.3 V
2. Characterized through bench measurements using typical samples.
3. Guaranteed by characterization, not tested in production.
Tamb = -20 °C to +70 °C, unless otherwise specified.
Table 13. Power consumption in deep power-down mode and full deep power-down modes
Symbol
Parameter
Conditions
Min
Typ1, 2
Max3
Unit
IVDD_AO1
V8
supply current Full Deep power-down mode; Internal LDO disabled.
RTC Off
Tamb= 25 °C
-
0.51
-
μA
Full Deep power-down mode; Internal LDO disabled.
RTC Off
Tamb= 70 °C
-
1.79
-
μA
IVDDIO_0 supply curent Deep power-down mode; Internal LDO disabled. RTC
Off
-
2.4
-
μA
IVDDIO_1 supply current Deep power-down mode; Internal LDO disabled. RTC
Off
-
1.68
-
μA
IVDDIO_2 supply current Deep power-down mode; Internal LDO disabled. RTC
Off
-
0.45
-
μA
IVDDIO_3 supply current Deep power-down mode; Internal LDO disabled. RTC
Off
-
0.37
-
μA
IVDDIO_4 supply current Deep power-down mode; Internal LDO disabled. RTC
Off
-
0.44
-
μA
IVDD1V8
supply current Deep power-down mode; Internal LDO disabled. RTC
Off
-
7.8
-
μA
IVREFP
supply current Deep power-down mode; Internal LDO disabled. RTC
Off
-
0.01
-
μA
IUSB1_VDD
3V3
supply current Deep power-down mode; Internal LDO disabled. RTC
Off
-
1.1
-
μA
1. Typical ratings are not guaranteed. Typical values listed are at room temperature (25 °C). All power supplies = 1.8 V,
except USB1_VDD3V3=3.3V
2. Characterized through bench measurements using typical samples.
3. Guaranteed by characterization, not tested in production.
Thermal specifications
i.MX RT500 Low-Power Crossover Processor, Rev. 0, 02/2021
23
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com