Electronic Components Datasheet Search
  English  ▼

X  

IMXRT500EC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMXRT500EC
Description  i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT500EC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMXRT500EC Datasheet HTML 35Page - NXP Semiconductors IMXRT500EC Datasheet HTML 36Page - NXP Semiconductors IMXRT500EC Datasheet HTML 37Page - NXP Semiconductors IMXRT500EC Datasheet HTML 38Page - NXP Semiconductors IMXRT500EC Datasheet HTML 39Page - NXP Semiconductors IMXRT500EC Datasheet HTML 40Page - NXP Semiconductors IMXRT500EC Datasheet HTML 41Page - NXP Semiconductors IMXRT500EC Datasheet HTML 42Page - NXP Semiconductors IMXRT500EC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
T CLK
tV(Q)min
t
tV(Q)min
fclk
V(Q)max
IO[0:7]
t
V(Q)max
Figure 18. DDR mode (output timing, mode 0 and 1)
TCLK
t V(Q)max
tV(Q)min
tV(Q)max
t
IO[0:7]
DQS
V(Q)min
Figure 19. DDR mode (output timing, mode 3)
1.5 Display and graphics
1.5.1 LCDIF
Tamb = -20 °C to 70 °C; VDD = 2.7 V to 3.6 V; CL = 30 pF. Simulated values.
Table 27. LCDIF characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fclk
clock frequency
on pin LCD_DCLK
-
-
60
MHz
tv(Q)
data output valid time
on all LCD output pins
0.3
-
4.5
ns
1.5.2 MIPI DSI timing
The i.MX RT500 conforms to the MIPI D-PHY electrical specifications MIPI DSI
Version 1.01 and D-PHY specification Rev. 1.0 (and also DPI version 2.0, DBI version
2.0, DSC version 1.0a at protocol layer) for MIPI display port x2 lanes.
External memory interface
38
i.MX RT500 Low-Power Crossover Processor, Rev. 0, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com