Electronic Components Datasheet Search
  English  ▼

X  

IMXRT500EC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMXRT500EC
Description  i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT500EC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMXRT500EC Datasheet HTML 9Page - NXP Semiconductors IMXRT500EC Datasheet HTML 10Page - NXP Semiconductors IMXRT500EC Datasheet HTML 11Page - NXP Semiconductors IMXRT500EC Datasheet HTML 12Page - NXP Semiconductors IMXRT500EC Datasheet HTML 13Page - NXP Semiconductors IMXRT500EC Datasheet HTML 14Page - NXP Semiconductors IMXRT500EC Datasheet HTML 15Page - NXP Semiconductors IMXRT500EC Datasheet HTML 16Page - NXP Semiconductors IMXRT500EC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
Table 2. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Notes
Min.
Max.
Unit
VDDCORE
1.1 V input
supply for
core logic
On-chip regulator
not used.
LDO_ENABLE=0.
Power supplied
by an off-chip
power
management IC
(PMIC).
2
-0.3
1.155
V
VDDIO_0/1/2/4
Supply
voltage for
GPIO pins
-
2
-0.3
1.98
V
VDDIO_3
Supply
voltage for
GPIO pins
-
2
-0.3
3.96
V
VDDA_ADC1V8
1.8 V analog
supply voltage
for ADC and
comparator
-
2
-0.3
1.98
V
VDDA_BIAS
Bias voltage
for ADC and
comparator
-
2
-0.3
3.96
V
VREFP
ADC positive
reference
voltage
-
2
-0.3
1.98
V
USB1_VDD3V3
USB1 analog
3.3 V supply
-
2
-0.3
3.96
V
USB1_VBUS
USB1_VBUS
detection
-
-
-0.3
5.6
V
MIPI_DSI_VDD11
MIPI DSI 1.1
V PHY input
core voltage
supply
-
-
-0.3
1.155
V
MIPI_DSI_VDD18
MIPI DSI 1.8
V PHY IO
input voltage
supply
-
-
-0.3
1.98
V
MIPI_DSI_VDDA_CAP MIPI DSI 1.1
V capacitor
output voltage
supply
-
-
-0.3
1.155
V
IDD
supply current
(FOWLP249)
per supply pin,
1.71 V ≤ VDD <
3.6 V
3
-
100
mA
supply current
(WCLSP141)
per supply pin,
1.71 V ≤ VDD <
3.6 V
3
-
100
mA
Table continues on the next page...
Electrical characteristics
12
i.MX RT500 Low-Power Crossover Processor, Rev. 0, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com