Electronic Components Datasheet Search
  English  ▼

X  

IMXRT500EC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMXRT500EC
Description  i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT500EC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMXRT500EC Datasheet HTML 31Page - NXP Semiconductors IMXRT500EC Datasheet HTML 32Page - NXP Semiconductors IMXRT500EC Datasheet HTML 33Page - NXP Semiconductors IMXRT500EC Datasheet HTML 34Page - NXP Semiconductors IMXRT500EC Datasheet HTML 35Page - NXP Semiconductors IMXRT500EC Datasheet HTML 36Page - NXP Semiconductors IMXRT500EC Datasheet HTML 37Page - NXP Semiconductors IMXRT500EC Datasheet HTML 38Page - NXP Semiconductors IMXRT500EC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 119 page
background image
J14
J13
TCLK
TRST
Figure 11. TRST timing
1.3.4 Wake-up process
VDD = 3.3 V;Tamb = 25 °C; using FRO as the system clock.
Table 25. Typical wake-up times from low power modes
Symbol
Parameter
Conditions
Notes
Min.
Typ.1
Max.
Unit
twake
wake-up time from sleep
mode, 200
MHz
2, 3
-
150
-
μs
twake
wake-up time from deep-
sleep mode,
using
RESETN.
4
-
120
-
μs
from deep-
sleep mode,
using
PMIC_IRQ_N
.
4
-
120
-
μs
twake
wake-up time from full deep
power-down
mode, using
RESETN
4
-
8.64
-
ms
from full deep
power-down
mode, using
PMIC_IRQ_N
4
-
8.64
-
ms
1. Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply voltages.
2. The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up from the low
power modes and from when a GPIO output pin is set in the interrupt service routine (ISR) wake-up handler.
3. FRO disbled, all peripherals off. PLL disabled.
4. Wake up from deep power-down causes the part to go through entire reset process. The wake-up time measured is the
time between when the Wake-Up pin is triggered to wake the device up and when a GPIO output pin is set in the reset
handler.
Thermal specifications
34
i.MX RT500 Low-Power Crossover Processor, Rev. 0, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com