Electronic Components Datasheet Search
  English  ▼

X  

IMXRT500EC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMXRT500EC
Description  i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT500EC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMXRT500EC Datasheet HTML 45Page - NXP Semiconductors IMXRT500EC Datasheet HTML 46Page - NXP Semiconductors IMXRT500EC Datasheet HTML 47Page - NXP Semiconductors IMXRT500EC Datasheet HTML 48Page - NXP Semiconductors IMXRT500EC Datasheet HTML 49Page - NXP Semiconductors IMXRT500EC Datasheet HTML 50Page - NXP Semiconductors IMXRT500EC Datasheet HTML 51Page - NXP Semiconductors IMXRT500EC Datasheet HTML 52Page - NXP Semiconductors IMXRT500EC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
1.7.3 I2S-bus interface
Tamb = -20 °C to 70 °C; VDD = 1.71 V to 1.89 V; CL = 30 pF balanced loading on all pins; Input slew = 1.0 ns, SLEW setting =
standard mode for all pins; Parameters sampled at the 50 % level of the rising or falling edge.
Table 35. I2S-bus interface pins1, 2
Symbol
Parameter
Conditions
Notes
Min.
Typ.3
Max.
Unit
Common to master and slave
tWH
pulse width
HIGH
on pins I2Sx_TX_SCK and I2Sx_RX_SCK4
(Tcyc/2) -1
-
(Tcyc/2) +1
ns
tWL
pulse width
LOW
on pins I2Sx_TX_SCK and I2Sx_RX_SCK4
(Tcyc/2) -1
-
(Tcyc/2) +1
ns
Master
tv(Q)
data output
valid time
on pin
I2Sx_TX_SD
A
5
6.798
-
17.505
ns
on pin I2Sx_WS
5
-
16.055
ns
tsu(D)
data input set-
up time
on pin
I2Sx_RX_SD
A
5
1.3
-
-
ns
th(D)
data input
hold time
on pin
I2Sx_RX_SD
A
5
2.9
-
-
ns
Slave
tv(Q)
data output
valid time
on pin
I2Sx_TX_SD
A
5
13.8
23.6
ns
tsu(D)
data input set-
up time
on pin
I2Sx_RX_SD
A
5
4.7
-
-
ns
on pin
I2Sx_WS
0.9
-
-
ns
th(D)
data input
hold time
on pin
I2Sx_RX_SD
A
5
0
-
-
ns
on pin
I2Sx_WS
0
-
-
ns
1. Based on simulation; not tested in production.
2. The Flexcomm Interface function clock frequency should not be above 48 MHz. See the data rates section in the I2S
chapter in the i.MX RT500 Low-Power Crossover MCU Reference Manual (IMXRT500RM) to calculate clock and sample
rates.
3. Typical ratings are not guaranteed.
4. Based on simulation. Not tested in production.
5. Clock Divider register (DIV) = 0x0.
External memory interface
48
i.MX RT500 Low-Power Crossover Processor, Rev. 0, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com