Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 15Page - Microchip Technology MCP33131 Datasheet HTML 16Page - Microchip Technology MCP33131 Datasheet HTML 17Page - Microchip Technology MCP33131 Datasheet HTML 18Page - Microchip Technology MCP33131 Datasheet HTML 19Page - Microchip Technology MCP33131 Datasheet HTML 20Page - Microchip Technology MCP33131 Datasheet HTML 21Page - Microchip Technology MCP33131 Datasheet HTML 22Page - Microchip Technology MCP33131 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 19
MCP33131/MCP33121/MCP33111-XX
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V,
VREF = 5V, GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33121-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33121-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 3-13:
SNR/SINAD/ENOB vs. VREF.
FIGURE 3-14:
SNR/SINAD vs.
Temperature: VREF = 5V.
FIGURE 3-15:
SNR/SINAD vs. Input
Amplitude: FIN = 10 kHz.
FIGURE 3-16:
SFDR/THD vs. VREF.
FIGURE 3-17:
SNR/SINAD vs.
Temperature: VREF = 2.5V.
FIGURE 3-18:
SNR/SINAD vs. Input
Amplitude: FIN = 10 kHz.
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
76
78
80
82
84
86
11.5
12
12.5
13
13.5
14
ENOB
SNR (dB)
SINAD (dB)
-40
-20
0
20
40
60
80
100 120 140
Temperature (
oC)
80
81
82
83
84
85
SNR (dB)
SINAD (dB)
V
REF
= 5V
-30
-25
-20
-15
-10
-5
0
Input Amplitude (dBFS)
76
77
78
79
80
81
82
83
84
85
86
SNR (dBFS)
SINAD(dBFS)
V
REF
= 5V
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
-100
-98
-96
-94
-92
-90
90
92
94
96
98
100
THD (dB)
SFDR (dB)
-40
-20
0
20
40
60
80
100 120 140
Temperature (
oC)
72
73
74
75
76
77
78
79
80
81
82
SNR (dB)
SINAD (dB)
V
REF
= 2.5V
-30
-25
-20
-15
-10
-5
0
Input Amplitude (dBFS)
76
77
78
79
80
81
82
83
84
85
86
SNR (dBFS)
SINAD(dBFS)
V
REF
= 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com