Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 13Page - Microchip Technology MCP33131 Datasheet HTML 14Page - Microchip Technology MCP33131 Datasheet HTML 15Page - Microchip Technology MCP33131 Datasheet HTML 16Page - Microchip Technology MCP33131 Datasheet HTML 17Page - Microchip Technology MCP33131 Datasheet HTML 18Page - Microchip Technology MCP33131 Datasheet HTML 19Page - Microchip Technology MCP33131 Datasheet HTML 20Page - Microchip Technology MCP33131 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 17
MCP33131/MCP33121/MCP33111-XX
3.0
TYPICAL PERFORMANCE CURVES FOR 14-BIT DEVICES (MCP33121-XX)
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V,
VREF = 5V, GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33121-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33121-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 3-1:
INL vs. Output Code.
FIGURE 3-2:
DNL vs. Output Code.
FIGURE 3-3:
INL vs. Temperature.
FIGURE 3-4:
INL vs. Output Code.
FIGURE 3-5:
DNL vs. Output Code.
FIGURE 3-6:
DNL vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 5V
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 5V
-40
-20
0
20
40
60
80
100
120
140
Temperature (
oC)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Min INL (LSB)
Max INL (LSB)
V
REF
= 5V
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 2.5V
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 2.5V
-40
-20
0
20
40
60
80
100
120
140
Temperature (
oC)
-1
-0.5
0
0.5
1
Max DNL (LSB)
Min DNL (LSB)
V
REF
= 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com