Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 38Page - Microchip Technology MCP33131 Datasheet HTML 39Page - Microchip Technology MCP33131 Datasheet HTML 40Page - Microchip Technology MCP33131 Datasheet HTML 41Page - Microchip Technology MCP33131 Datasheet HTML 42Page - Microchip Technology MCP33131 Datasheet HTML 43Page - Microchip Technology MCP33131 Datasheet HTML 44Page - Microchip Technology MCP33131 Datasheet HTML 45Page - Microchip Technology MCP33131 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
MCP33131/MCP33121/MCP33111-XX
DS20006122A-page 42
 2018 Microchip Technology Inc.
Total Harmonic Distortion (THD)
THD is the ratio of the power of the fundamental (PS) to
the summed power of the first 13 harmonics (PD).
EQUATION 8-4:
THD is typically given in units of dBc (dB to carrier).
THD is also shown by:
EQUATION 8-5:
Common-Mode Rejection Ratio (CMRR)
Common-mode rejection is the ability of a device to
reject a signal that is common to both sides of a
differential or pseudo-differential input pair. The
common-mode signal can be an AC or DC signal or a
combination of the two. CMRR is measured using the
ratio of the differential signal gain to the common-mode
signal gain and expressed in dB with the following
equation:
EQUATION 8-6:
THD
10
PS
PD
--------



log
=
THD
20
V2
2
V3
2
V4
2
V
n
2
++
+
+
V1
2
------------------------------------------------------------------
log
–
=
Where:
V1 = RMS amplitude of the
fundamental frequency
V1 through Vn = Amplitudes of the second
through nth harmonics
CMRR
20
ADIFF
ACM
------------------



log
=
Where:
ADIFF = Output Code/Differential Voltage
ADIFF = Output Code/Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com