Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 12Page - Microchip Technology MCP33131 Datasheet HTML 13Page - Microchip Technology MCP33131 Datasheet HTML 14Page - Microchip Technology MCP33131 Datasheet HTML 15Page - Microchip Technology MCP33131 Datasheet HTML 16Page - Microchip Technology MCP33131 Datasheet HTML 17Page - Microchip Technology MCP33131 Datasheet HTML 18Page - Microchip Technology MCP33131 Datasheet HTML 19Page - Microchip Technology MCP33131 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
MCP33131/MCP33121/MCP33111-XX
DS20006122A-page 16
 2018 Microchip Technology Inc.
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V,
VREF = 5V, GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33131-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33131-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 2-31:
CMRR vs. Input Frequency:
VREF = 5V.
FIGURE 2-32:
Power Consumption vs.
Sample Rate: CLOAD_SDO = 20 pF.
FIGURE 2-33:
Power Consumption vs.
Temperature: CLOAD_SDO = 20 pF.
FIGURE 2-34:
Power Consumption vs.
Temperature During Shutdown.
FIGURE 2-35:
Power Consumption vs.
Sample Rate: CLOAD_SDO = 20 pF.
FIGURE 2-36:
Power Consumption vs.
Temperature: CLOAD_SDO = 20 pF.
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Input Frequency (kHz)
74
76
78
80
82
84
86
V
REF
= 5V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Sample Rate (Msps)
0
0.5
1
1.5
2
Total
Power
Consumption
I
IO_DATA
(DV
IO
= 3.3V)
I DDAN
(AV
DD
= 1.8V)
I
REF
(V
REF
= 5V)
0
2
4
6
8
MCP331x1-10
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
0
0.5
1
1.5
2
2.5
Total Power
Consumption
I
IO_DATA
(DV
IO
= 3.3V)
I
DDAN
(AVDD
= 1.8V)
I
REF
(V
REF
= 5V)
0
2
4
6
8
10
MCP331x1-10
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
0
2
4
6
8
Total Power Consumption
I
IO_STBY
(DV
IO
= 3.3V)
I
REF_STBY
(V
REF
= 5V)
0
4
8
12
16
0.1
0.2
0.3
0.4
0.5
Sample Rate (Msps)
0
0.5
1
1.5
2
Total
Power
Consumption
I
IO_DATA
(DV
IO
= 3.3V)
I
DDAN
(AV DD
= 1.8V)
I
REF
(V
REF
= 5V)
0
2
4
6
8
MCP331x1-05
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
0
0.5
1
1.5
2
Total Power
Consumption
I
IO_DATA
(DV
IO
= 3.3V)
I
DDAN
(AVDD =
1.8V)
I
REF
(V
REF
= 5V)
0
2
4
6
8
MCP331x1-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com