Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 37Page - Microchip Technology MCP33131 Datasheet HTML 38Page - Microchip Technology MCP33131 Datasheet HTML 39Page - Microchip Technology MCP33131 Datasheet HTML 40Page - Microchip Technology MCP33131 Datasheet HTML 41Page - Microchip Technology MCP33131 Datasheet HTML 42Page - Microchip Technology MCP33131 Datasheet HTML 43Page - Microchip Technology MCP33131 Datasheet HTML 44Page - Microchip Technology MCP33131 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 41
MCP33131/MCP33121/MCP33111-XX
8.0
TERMINOLOGY
Analog Input Bandwidth (Full-Power
Bandwidth)
The analog input frequency at which the spectral power
of the fundamental frequency (as determined by FFT
analysis) is reduced by 3 dB.
Aperture Delay or Sampling Delay
This is the time delay between the rising edge of the
CNVST input and when the input signal is held for a
conversion.
Differential Nonlinearity
(DNL, No Missing Codes)
An ideal ADC exhibits code transitions that are exactly
1 LSB apart. DNL is the deviation from this ideal value.
No missing codes to 16-bit resolution indicates that all
65,536 codes (16,384 codes for 14-bit, 4096 codes for
12-bit) must be present over all the operating
conditions.
Integral Nonlinearity (INL)
INL is the maximum deviation of each individual code
from an ideal straight line drawn from negative full
scale through positive full scale.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the power of the fundamental (PS) to
the noise floor power (PN), below the Nyquist frequency
and excluding the power at DC and the first nine
harmonics.
EQUATION 8-1:
SNR is either given in units of dBc (dB to carrier), when
the absolute power of the fundamental is used as the
reference, or dBFS (dB to full-scale), when the power
of the fundamental is extrapolated to the converter
full-scale range.
Signal-to-Noise and Distortion (SINAD)
SINAD is the ratio of the power of the fundamental (PS)
to the power of all the other spectral components
including noise (PN) and distortion (PD) below the
Nyquist frequency, but excluding DC:
EQUATION 8-2:
SINAD is either given in units of dBc (dB to carrier),
when the absolute power of the fundamental is used as
the reference, or dBFS (dB to full-scale), when the
power of the fundamental is extrapolated to the
converter full-scale range.
Effective Number of Bits (ENOB)
The effective number of bits for a sine wave input at a
given input frequency can be calculated directly from its
measured SINAD using the following formula:
EQUATION 8-3:
Gain Error
Gain error is the deviation of the ADC’s actual input
full-scale range from its ideal value. The gain error is
given as a percentage of the ideal input full-scale
range. Gain error is usually expressed in LSB or as a
percentage of full-scale range (%FSR).
Offset Error
Offset error is the difference between the ideal voltage
(0V + 0.5 LSB) that produces the first code transition
(“000... 000” to “000... 001”) and the actual voltage pro-
ducing that code.
Temperature Drift
The temperature drift for offset error and gain error
specifies the maximum change from the initial (+25°C)
value to the value at across the TMIN to TMAX range.
The value is normalized by the reference voltage and
expressed in
V/oC or ppm/oC.
Maximum Conversion Rate
The maximum clock rate at which parametric testing is
performed.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of the power of the fundamental to the
highest other spectral component (either spur or
harmonic). SFDR is typically given in units of dBc (dB
to carrier) or dBFS.
SNR
10
PS
PN
-------



log
=
SINAD
10
PS
PD PN
+
----------------------



log
=
10
–
=10
SNR
10
-----------
–
10
THD
10
------------
–
–
log
ENOB
SINAD 1.76
–
6.02
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com