Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 28Page - Microchip Technology MCP33131 Datasheet HTML 29Page - Microchip Technology MCP33131 Datasheet HTML 30Page - Microchip Technology MCP33131 Datasheet HTML 31Page - Microchip Technology MCP33131 Datasheet HTML 32Page - Microchip Technology MCP33131 Datasheet HTML 33Page - Microchip Technology MCP33131 Datasheet HTML 34Page - Microchip Technology MCP33131 Datasheet HTML 35Page - Microchip Technology MCP33131 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
DS20006122A-page 32
 2018 Microchip Technology Inc.
MCP33131/MCP33121/MCP33111-XX
6.3
ADC Input Driver Selection
The noise and distortion of the ADC input driver can
degrade the dynamic performance (SNR, SFDR, and
THD) of the overall ADC application system. Therefore,
the ADC input driver needs better performance specifi-
cations than the ADC itself. The data sheet of the driver
typically shows the output noise voltage and harmonic
distortion parameters.
Figure 6-3
shows
a
simplified
system
noise
presentation block diagram for the front-end driver and
ADC.
FIGURE 6-3:
Simplified System Noise
Representation.
• Unity-Gain Bandwidth:
An input driver with higher bandwidth usually results in
better overall linearity performance. Typically, the driver
should have the unity-gain bandwidth greater than 5
times the -3 dB cutoff frequency of the anti-aliasing fil-
ter:
EQUATION 6-2:
BANDWIDTH
REQUIREMENT FOR ADC
INPUT DRIVER
where, fB = -3 dB bandwidth of RC anti-aliasing filter as
shown in Figure 6-3.
• Distortion:
The nonlinearity characteristics of the input driver
cause distortions in the ADC output. Therefore, the
input driver should have less distortion than the ADC
itself. The recommended total harmonic distortion
(THD) of the driver is at least 10 dB less than that of the
ADC:
EQUATION 6-3:
RECOMMENDED THD
FOR ADC INPUT DRIVER
• ADC Input-Referred Noise:
When the ADC is operating with a full-scale input
range, the ADC input-referred RMS noise for a
single-ended input configuration is approximated as
shown in Equation 6-4.
EQUATION 6-4:
ADC INPUT-REFERRED
NOISE
• Noise Contribution from the Front-End Driver:
The noise from the input driver can degrade the ADC’s
SNR performance. Therefore, the selected input driver
should have the lowest possible broadband noise den-
sity and 1/f noise. When an anti-aliasing filter is used
after the input driver, the output noise density of the
input driver is integrated over the -3 dB bandwidth of
the filter.
Equation 6-5 shows the RMS output noise voltage cal-
culation using the RC filter’s bandwidth and noise den-
sity (eN) of the input driver. GN in Equation 6-5 is the
noise gain of the driver amplifier and becomes 1 for a
unity gain buffer driver.
EQUATION 6-5:
NOISE FROM FRONT-END
DRIVER AMPLIFIER
where eN is the broadband noise density (V/√Hz) of the
front-end driver amplifier and is typically given in its
data sheet. In Equation 6-5, 1/f noise (eNFlicker) is
ignored assuming it is very small compared to the
broadband noise (eN).
For high precision ADC applications, the noise
contribution from the front-end input driver amplifier is
typically constrained to be less than about 20% (or 1/5
times) of the ADC input-referred noise as shown in
Equation 6-6:
EQUATION 6-6:
RECOMMENDED ADC
INPUT DRIVER NOISE
Using Equation 6-4 to Equation 6-6, the recommended
noise voltage density (eN) limit of the ADC input driver
is expressed in Equation 6-7:
ADC Input Driver
ADC
VN_ADC Input-Referred Noise
VN_RMS_Driver Noise
+
-
+
-
R
C
5
2
RC
---------------
(Hz)
BWInput Driver 5 x f
B
for a single-pole RC filter
THDInput Buffer ≤ THDADC -10
(dB)
VN_ADC Input-Referred Noise
(V)
VREF
22
--------------
=10
SNR
20
-----------
–
VN_RMS_Driver Noise
GN
eN
2
-------
f
B
(V)
VN_ADC Input-Referred Noise
VN_RMS_Driver Noise
1
5
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com