Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 20Page - Microchip Technology MCP33131 Datasheet HTML 21Page - Microchip Technology MCP33131 Datasheet HTML 22Page - Microchip Technology MCP33131 Datasheet HTML 23Page - Microchip Technology MCP33131 Datasheet HTML 24Page - Microchip Technology MCP33131 Datasheet HTML 25Page - Microchip Technology MCP33131 Datasheet HTML 26Page - Microchip Technology MCP33131 Datasheet HTML 27Page - Microchip Technology MCP33131 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
MCP33131/MCP33121/MCP33111-XX
DS20006122A-page 24
 2018 Microchip Technology Inc.
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V,
VREF = 5V, GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33111-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33111-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 4-7:
INL vs. Reference Voltage.
FIGURE 4-8:
FFT for 10 kHz Input Signal:
fS = 1 Msps, VIN = -1 dBFS, VREF = 5V.
FIGURE 4-9:
FFT for 10 kHz Input Signal:
fS = 500 kSPS, VIN = -1 dBFS, VREF = 5V.
FIGURE 4-10:
DNL vs. Reference Voltage.
FIGURE 4-11:
FFT for 10 kHz Input Signal:
fS = 1 Msps, VIN = -1 dBFS, VREF = 2.5V.
FIGURE 4-12:
FFT for 10 kHz Input Signal:
fS = 500 kSPS, VIN = -1 dBFS, VREF = 2.5V.
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
Max INL (LSB)
Min INL (LSB)
0
100
200
300
400
500
Frequency (kHz)
-120
-100
-80
-60
-40
-20
0
V
REF
= 5V
f
s
= 1 Msps
SNR = 73.8 dBFS
SINAD = 73.7 dBFS
SFDR = 99.7 dBc
THD = -98.4 dBc
Resolution = 12-bit
MCP33111-10
0
50
100
150
200
250
Frequency (kHz)
-120
-100
-80
-60
-40
-20
0
V
REF
= 5V
f
s
= 0.5 Msps
SNR = 73.8 dBFS
SINAD = 73.8 dBFS
SFDR = 99.9 dBc
THD = -97.5 dBc
Resolution = 12-bit
MCP33111-05
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
-0.5
0
0.5
Max DNL (LSB)
Min DNL (LSB)
0
100
200
300
400
500
Frequency (kHz)
-120
-100
-80
-60
-40
-20
0
V
REF
= 2.5V
f
s
= 1 Msps
SNR = 73.4 dBFS
SINAD = 73.4 dBFS
SFDR = 99.0 dBc
THD = -95.1 dBc
Resolution = 12-bit
MCP33111-10
0
50
100
150
200
250
Frequency (kHz)
-120
-100
-80
-60
-40
-20
0
V
REF
= 2.5V
f
s
= 0.5 Msps
SNR = 73.4 dBFS
SINAD = 73.4 dBFS
SFDR = 100.1 dBc
THD = -96.4 dBc
Resolution = 12-bit
MCP33111-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com