Electronic Components Datasheet Search
  English  ▼

X  

MCP33131 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 27Page - Microchip Technology MCP33131 Datasheet HTML 28Page - Microchip Technology MCP33131 Datasheet HTML 29Page - Microchip Technology MCP33131 Datasheet HTML 30Page - Microchip Technology MCP33131 Datasheet HTML 31Page - Microchip Technology MCP33131 Datasheet HTML 32Page - Microchip Technology MCP33131 Datasheet HTML 33Page - Microchip Technology MCP33131 Datasheet HTML 34Page - Microchip Technology MCP33131 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 31
MCP33131/MCP33121/MCP33111-XX
6.1.1
INPUT VOLTAGE RANGE
The device has two analog input pins: AIN+ and AIN-
pins. The analog input signal is applied to the AIN+ pin,
and the ground reference of the input signal is tied to
the AIN- pin.
The voltage difference between AIN+ and AIN- is the
ADC input (VIN) and needs to be between 0V and
+VREF to produce unsaturated output codes.
Equation 6-4 shows the input full-scale range (FSR)
and input range.
The device will output unipolar straight binary codes for
the analog input. If the input (VIN) is greater than the
reference voltage (VREF), the output code will be
saturated. If the input (VIN) is less than or equals to 0V,
the output will be all 0’s.
EQUATION 6-1:
FSR AND INPUT RANGE
6.2
Analog Input Conditioning Circuit
The MCP33131/MCP33121/MCP33111-XX can be
driven directly when the source impedance of the input
driver is low.
Large source impedance of the input signal may affect
the ADC’s performance. In general, the source imped-
ance is less sensitive to the ADC’s DC performances
such as INL and DNL. However, it affects significantly
to the dynamic performances such as THD, SFDR and
SNR.
Therefore, it is a good design practice to isolate the
ADC input from the high impedance source using a low
noise input driver amplifier. Figure 6-1 shows an input
configuration example using a low-noise OP amplifier
such as MCP6286 and Figure 6-2 shows the transfer
function of the MCP33131/MCP33121/MCP33111-XX.
FIGURE 6-1:
Unipolar-Input Application Example
FIGURE 6-2:
Transfer Function for Figure 6-1.
0VVIN
VREF 1LSB
–


VREF
=
Input Full-Scale Range (FSR)
Input Range:
where VIN = AIN+ - AIN-
Note 1: Contact Microchip Technology Inc. for more selections of the low-noise input driver amplifiers.
(Note 1)
2: Contact Microchip Technology Inc. for the MCP1501 application circuit.
AIN+
R1
C1
10
F
Reference
Voltage
CR
AIN-
VREF AVDD DVIO
SDI
SCLK
SDO
CNVST
1.8V
1.7V to 5.5V
GND
VREF
(PIC32MZ)
Host Device
(Note 2)
VDC
Analog Input
(22
±0.1%)
(1.7nF, NPO)
0V
VREF
0V
VREF
MCP331x1-XX
2.5V to 5.1V
0.1
F
0.1
F
2
R1C1
1
f
C =
MCP6286
VIN
MCP1501
Ground Reference of
Analog Input
0V
(Tantalum)
Analog Input Voltage
+VREF
Digital Output Code
0
VIN (V)
+VREF/2
2n/2
VIN range
2n - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com