Electronic Components Datasheet Search
  English  ▼

X  

ADS5242IPAP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5242IPAP
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5242IPAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5242IPAP Datasheet HTML 6Page - Texas Instruments ADS5242IPAP Datasheet HTML 7Page - Texas Instruments ADS5242IPAP Datasheet HTML 8Page - Texas Instruments ADS5242IPAP Datasheet HTML 9Page - Texas Instruments ADS5242IPAP Datasheet HTML 10Page - Texas Instruments ADS5242IPAP Datasheet HTML 11Page - Texas Instruments ADS5242IPAP Datasheet HTML 12Page - Texas Instruments ADS5242IPAP Datasheet HTML 13Page - Texas Instruments ADS5242IPAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
TEST PATTERNS
(1)
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
SERIAL INTERFACE REGISTERS
ADDRESS
DATA
DESCRIPTION
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
LVDS BUFFERS (Register 0)
All Data Outputs
0
0
Normal ADC Output
(default after reset)
0
1
Deskew Pattern
1
0
Sync Pattern
See Test Patterns
1
1
Custom Pattern
0
0
Output Current in LVDS = 3.5mA
(default after reset)
0
1
Output Current in LVDS = 2.5mA
1
0
Output Current in LVDS = 4.5mA
1
1
Output Current in LVDS = 6.0mA
0
0
0
1
CLOCK CURRENT (Register 1)
0
X
X
0
Default LVDS Clock Output Current
IOUT = 3.5mA (default)
0
X
X
1
2X LVDS Clock Output Current(1)
IOUT = 7.0mA
0
0
0
1
LSB/MSB MODE (Register 1)
0
0
X
X
LSB First Mode
(default after reset)
0
1
X
X
MSB First Mode
0
0
1
0
POWER-DOWN ADC CHANNELS
(Register 2)
0
1
0
X
D2: Power-Down for Channel 2
Logic 1 = Channel Powered
Down
0
X
0
1
D0: Power-Down for Channel 1
0
0
1
1
POWER-DOWN ADC CHANNELS
(Register 3)
1
0
X
0
D3: Power-Down for Channel 4
Logic 1 = Channel Powered
Down
X
0
1
0
D1: Power-Down for Channel 3
CUSTOM PATTERN (Registers 4–6)
D3
D2
D1
D0
Bits for Custom Pattern
See Test Patterns
0
1
0
0
X
X
X
X
0
1
0
1
X
X
X
X
0
1
1
0
X
X
X
X
(1)
Output current drive for the two clock LVDS buffers (LCLKP and LCLKN and ADCLKP and ADCLKN) is double the output current setting
programmed in register 0. The current drive of the data buffers remains the same as the setting in register 0.
Serial Output(2)
LSB
MSB
ADC Output(3)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
Deskew Pattern
1
0
1
0
1
0
1
0
1
0
1
0
Sync Pattern
0
0
0
0
0
0
1
1
1
1
1
1
Custom Pattern(4)
D0(4)
D1(4)
D2(4)
D3(4)
D0(5)
D1(5)
D2(5)
D3(5)
D0(6)
D1(6)
D2(6)
D3(6)
(1)
This table indicates the LSB and MSB of the various patterns. LSB first mode means that the LSB comes out as the first bit of the word.
In the MSB first mode, the MSB comes out as the first bit of the word. The first bit of the word is the one that comes soon after the rising
edge of ADCLKP (the falling edge of ACDLKN).
(2)
The serial output stream comes out LSB first by default.
(3)
D11...D0 represent the 12 output bits from the ADC.
(4)
D0(4) represents the content of bit D0 of register 4, D3(6) represents the content of bit D3 of register 6, etc.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com