Electronic Components Datasheet Search
  English  ▼

X  

ADS5242IPAP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5242IPAP
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5242IPAP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5242IPAP Datasheet HTML 11Page - Texas Instruments ADS5242IPAP Datasheet HTML 12Page - Texas Instruments ADS5242IPAP Datasheet HTML 13Page - Texas Instruments ADS5242IPAP Datasheet HTML 14Page - Texas Instruments ADS5242IPAP Datasheet HTML 15Page - Texas Instruments ADS5242IPAP Datasheet HTML 16Page - Texas Instruments ADS5242IPAP Datasheet HTML 17Page - Texas Instruments ADS5242IPAP Datasheet HTML 18Page - Texas Instruments ADS5242IPAP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.ti.com
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
0
512
1024
1536
2048
2560
3072
3584
4096
Code
f
IN = 5MHz
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
0
512
1024
1536
2048
2560
3072
3584
4096
Code
f
IN = 5MHz
74
72
70
68
66
64
62
60
0
10
20
30
40
50
60
70
Input Frequency (MHz)
External Reference
VREF
T = 1.95V
VREF
B = 0.95V
74
72
70
68
66
64
62
60
0
10
20
30
40
50
60
70
Input Frequency (MHz)
External Reference
VREF
T = 1.95V
VREF
B = 0.95V
95
90
85
80
75
70
65
60
0
10
20
30
40
50
60
70
Input Frequency (MHz)
External Reference
VREF
T = 1.95V
VREF
B = 0.95V
85
80
75
70
65
60
55
0
10
20
30
40
50
60
70
80
Input Frequency (MHz)
Internal Reference
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS (continued)
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, I
SET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per
channel, 16kFFT, and 8 averages, unless otherwise noted.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 7.
Figure 8.
SNR vs INPUT FREQUENCY
SINAD vs INPUT FREQUENCY
Figure 9.
Figure 10.
SFDR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 11.
Figure 12.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com