Electronic Components Datasheet Search
  English  ▼

X  

ADS5242IPAP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5242IPAP
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5242IPAP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5242IPAP Datasheet HTML 16Page - Texas Instruments ADS5242IPAP Datasheet HTML 17Page - Texas Instruments ADS5242IPAP Datasheet HTML 18Page - Texas Instruments ADS5242IPAP Datasheet HTML 19Page - Texas Instruments ADS5242IPAP Datasheet HTML 20Page - Texas Instruments ADS5242IPAP Datasheet HTML 21Page - Texas Instruments ADS5242IPAP Datasheet HTML 22Page - Texas Instruments ADS5242IPAP Datasheet HTML 23Page - Texas Instruments ADS5242IPAP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.ti.com
OVERVIEW
DRIVING THE ANALOG INPUTS
CM Buffer
Internal
Voltage
Reference
Input
Circuitry
IN+
IN
−
V
CM
600
Ω
600
Ω
ADS5242
NOTE: Dashed area denotes one of four channels.
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
data externally has multiple advantages, such as a
reduced number of output pins (saving routing space
THEORY OF OPERATION
on the board), reduced power consumption, and
reduced effects of digital noise coupling to the analog
circuit inside the ADS5242.
The ADS5242 is a 4-channel, high-speed, CMOS
The ADS5242 operates from two sets of supplies and
ADC.
It
consists
of
a
high-performance
grounds. The analog supply/ground set is denoted as
sample-and-hold circuit at the input, followed by a
AVDD/AVSS, while the digital set is denoted by
12-bit ADC. The 12 bits given out by each channel
LVDD/LVSS.
are serialized and sent out on a single pair of pins in
LVDS format. All four channels of the ADS5242
operate from a single clock referred to as ADCLK.
The sampling clocks for each of the four channels are
The analog input biasing is shown in Figure 35. The
generated from the input clock using a carefully
inputs are biased internally using two 600
Ω resistors
matched clock buffer tree. The 12x clock required for
to enable AC-coupling. A resistor greater than 20
Ω is
the serializer is generated internally from ADCLK
recommended in series with each input pin.
using a phase lock loop (PLL). A 6x and a 1x clock
A 4pF sampling capacitor is used to sample the
are also output in LVDS format along with the data to
inputs. The choice of the external AC-coupling
enable easy data capture. The ADS5242 operates
capacitor is dictated by the attenuation at the lowest
from internally-generated reference voltages that are
desired input frequency of operation. The attenuation
trimmed to ensure matching across multiple devices
resulting from using a 10nF AC-coupling capacitor is
on a board. This feature eliminates the need for
0.04%.
external routing of reference lines and also improves
matching of the gain across devices. The nominal
values of REFT and REFB are 1.95V and 0.95V,
respectively. These values imply that a differential
input of –1V corresponds to the zero code of the
ADC, and a differential input of +1V corresponds to
the full-scale code (4095 LSB). VCM (common-mode
voltage of REFT and REFB) is also made available
externally through a pin, and is nominally 1.45V.
The ADC employs a pipelined converter architecture
consisting of a combination of multi-bit and single-bit
internal stages. Each stage feeds its data into the
digital
error
correction
logic,
ensuring
excellent
differential linearity and no missing codes at the
12-bit level. The pipeline architecture results in a data
latency of 6.5 clock cycles.
Figure 35. Analog Input Bias Circuitry
The output of the ADC goes to a serializer that
operates from a 12x clock generated by the PLL. The
12 data bits from each channel are serialized and
If
the
input
is
DC-coupled,
then
the
output
sent LSB first. In addition to serializing the data, the
common-mode voltage of the circuit driving the
serializer also generates a 1x clock and a 6x clock.
ADS5242 should match the VCM (which is provided as
These clocks are generated in the same way the
an output pin) to within
±50mV. It is recommended
serialized data is generated, so these clocks maintain
that the output common-mode of the driving circuit be
perfect synchronization with the data. The data and
derived from VCM provided by the device.
clock outputs of the serializer are buffered externally
using LVDS buffers. Using LVDS buffers to transmit
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com