Electronic Components Datasheet Search
  English  ▼

X  

ADS5242IPAP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5242IPAP
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5242IPAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5242IPAP Datasheet HTML 12Page - Texas Instruments ADS5242IPAP Datasheet HTML 13Page - Texas Instruments ADS5242IPAP Datasheet HTML 14Page - Texas Instruments ADS5242IPAP Datasheet HTML 15Page - Texas Instruments ADS5242IPAP Datasheet HTML 16Page - Texas Instruments ADS5242IPAP Datasheet HTML 17Page - Texas Instruments ADS5242IPAP Datasheet HTML 18Page - Texas Instruments ADS5242IPAP Datasheet HTML 19Page - Texas Instruments ADS5242IPAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
85
80
75
70
65
60
55
0
10
20
30
40
50
60
70
80
Input Frequency (MHz)
Internal Reference
95
90
85
80
75
70
65
0
10
20
30
40
50
60
70
80
Input Frequency (MHz)
Internal Reference
80
70
60
50
40
30
20
10
0
−60
−50
−40
−30
−20
−10
0
Amplitude (dBFS)
f
IN = 10MHz
80
70
60
50
40
30
20
10
0
−60
−50
−40
−30
−20
−10
0
Amplitude (dBFS)
f
IN = 10MHz
80
70
60
50
40
30
20
10
0
−60
−50
−40
−30
−20
−10
0
Amplitude (dBFS)
f
IN = 5MHz
120
100
80
60
40
20
0
−70
−60
−50
−40
−30
−20
−10
0
Amplitude (dBFS)
f
IN = 10MHz
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS (continued)
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, I
SET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per
channel, 16kFFT, and 8 averages, unless otherwise noted.
SINAD vs INPUT FREQUENCY
SFDR vs INPUT FREQUENCY
Figure 13.
Figure 14.
SWEPT POWER — SNR
SWEPT POWER — SINAD
Figure 15.
Figure 16.
SWEPT POWER — SFDR
SWEPT POWER — SNR
Figure 17.
Figure 18.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com