Electronic Components Datasheet Search
  English  ▼

X  

ADS5242IPAP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5242IPAP
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5242IPAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5242IPAP Datasheet HTML 15Page - Texas Instruments ADS5242IPAP Datasheet HTML 16Page - Texas Instruments ADS5242IPAP Datasheet HTML 17Page - Texas Instruments ADS5242IPAP Datasheet HTML 18Page - Texas Instruments ADS5242IPAP Datasheet HTML 19Page - Texas Instruments ADS5242IPAP Datasheet HTML 20Page - Texas Instruments ADS5242IPAP Datasheet HTML 21Page - Texas Instruments ADS5242IPAP Datasheet HTML 22Page - Texas Instruments ADS5242IPAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.ti.com
750
700
650
600
550
500
450
20
25
30
35
40
45
50
55
60
65
Sample Rate (MSPS)
800
750
700
650
600
550
500
−40
−15
+10
+35
+60
+85
Temperature (
_C)
74
73
72
71
70
69
68
−40
−15
+10
+35
+60
+85
Temperature (
_C)
74
73
72
71
70
69
68
−40
−15
+10
+35
+60
+85
Temperature (
_C)
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS (continued)
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, I
SET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per
channel, 16kFFT, and 8 averages, unless otherwise noted.
TOTAL POWER vs SAMPLE RATE
TOTAL POWER vs TEMPERATURE
Figure 31.
Figure 32.
SNR vs TEMPERATURE
SINAD vs TEMPERATURE
Figure 33.
Figure 34.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com