Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 99Page - NXP Semiconductors FXLS93333 Datasheet HTML 100Page - NXP Semiconductors FXLS93333 Datasheet HTML 101Page - NXP Semiconductors FXLS93333 Datasheet HTML 102Page - NXP Semiconductors FXLS93333 Datasheet HTML 103Page - NXP Semiconductors FXLS93333 Datasheet HTML 104Page - NXP Semiconductors FXLS93333 Datasheet HTML 105Page - NXP Semiconductors FXLS93333 Datasheet HTML 106Page - NXP Semiconductors FXLS93333 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$E6
USERDATA_6
PSI5_INIT2_D19 = 0, Channel 0 F9: D32
PSI5_INIT2_D19 = 1, Ch 0 F9: D32 = Ch 0 F9: D19 = Ch 1 F9: D19
Channel 0 F7: D14
$E7
USERDATA_7
Channel 0 F8: D16
Channel 0 F8: D16 = Channel 1 F8: D16
Channel 0 F8: D15 = Channel 1 F8: D15
$E8
USERDATA_8
Channel 0 F8: D18
Channel 0 F8: D18 = Channel 1 F8: D18
Channel 0 F8: D17 = Channel 1 F8: D17
$E9
USERDATA_9
Channel 1 F3: D5
Channel 1 F3: D4
$EA
USERDATA_A
Channel 1 F4: D7
Channel 1 F4: D6
$EB
USERDATA_B
Channel 1 F5: D9
Channel 1 F5: D8
$EC
USERDATA_C
Channel 1 F6: D11
Channel 1 F6: D10
$ED
USERDATA_D
Channel 1 F7: D13
Channel 1 F7: D12
$EE
USERDATA_E
PSI5_INIT2_D19 = 0, Channel 1 F9: D32
PSI5_INIT2_D19 = 1, Ch 1 F9: D32 = Ch 0 F9: D20 = Ch 1 F9: D20
Channel 1 F7: D14
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 192. PSI5 initialization phase 2 data transmissions of user data...continued
11.2.46 User data registers (USERDATA_10 - USERDATA_1E)
User data registers are user programmable OTP registers which contain user-specific
information. These registers are included in the user programmed OTP array error
detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
programming mode when ENDINIT is not set. See Section 11.2.10 for details on the
register read process for these registers.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$F0
USERDATA_10
USERDATA_10[7:0]
$F1
USERDATA_11
USERDATA_11[7:0]
$F2
USERDATA_12
USERDATA_12[7:0]
$F3
USERDATA_13
USERDATA_13[7:0]
$F4
USERDATA_14
USERDATA_14[7:0]
$F5
USERDATA_15
USERDATA_15[7:0]
$F6
USERDATA_16
USERDATA_16[7:0]
$F7
USERDATA_17
USERDATA_17[7:0]
$F8
USERDATA_18
USERDATA_18[7:0]
$F9
USERDATA_19
USERDATA_19[7:0]
$FA
USERDATA_1A
USERDATA_1A[7:0]
$FB
USERDATA_1B
USERDATA_1B[7:0]
$FC
USERDATA_1C
USERDATA_1C[7:0]
$FD
USERDATA_1D
USERDATA_1D[7:0]
$FE
USERDATA_1E
USERDATA_1E[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 193. User data registers (USERDATA_10 - USERDATA_1E)
11.2.47 Lock and CRC registers
The lock and CRC registers are automatically programmed OTP registers which include
the lock bit, the block identifier, and the block OTP array CRC use for error detection.
These registers are automatically programmed when the corresponding data array
is programmed to OTP using the Write OTP Enable register as documented in
Section 11.2.7.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
103 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com