Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 100Page - NXP Semiconductors FXLS93333 Datasheet HTML 101Page - NXP Semiconductors FXLS93333 Datasheet HTML 102Page - NXP Semiconductors FXLS93333 Datasheet HTML 103Page - NXP Semiconductors FXLS93333 Datasheet HTML 104Page - NXP Semiconductors FXLS93333 Datasheet HTML 105Page - NXP Semiconductors FXLS93333 Datasheet HTML 106Page - NXP Semiconductors FXLS93333 Datasheet HTML 107Page - NXP Semiconductors FXLS93333 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$5F
CRC_UF2
LOCK_UF2
0
0
0
CRC_UF2[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
$AF
CRC_F_A
LOCK_F_A
REGA_BLOCKID[2:0]
CRC_F_A[3:0]
Reset Value
1
0
0
1
Varies
$BF
CRC_F_B
LOCK_F_B
REGB_BLOCKID[2:0]
CRC_F_B[3:0]
Reset Value
1
0
1
0
Varies
$CF
CRC_F_C
LOCK_F_C
REGC_BLOCKID[2:0]
CRC_F_C[3:0]
Reset Value
1
0
1
1
Varies
$DF
CRC_F_D
LOCK_F_D
REGD_BLOCKID[2:0]
CRC_F_D[3:0]
Reset Value
1
1
0
0
Varies
$EF
CRC_F_E
LOCK_F_E
REGE_BLOCKID[2:0]
CRC_F_E[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
$FF
CRC_F_F
LOCK_F_F
REGF_BLOCKID[2:0]
CRC_F_F[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 194. Lock and CRC registers
Table 195 shows the state of the lock bits, the block identifiers, and the CRC for each
register block before and after programming.
Lock bit
bit[7]
Block identifier
bits[6:4]
CRC
bits[3:0]
Register
block address
Before
programming
After
programming
Before
programming
After
programming
Before
programming
After
programming
UF2
0
1
000
000
0000
Varies
$Ax
0
1
N/A
001
N/A
Varies
$Bx
0
1
N/A
010
N/A
Varies
$Cx
0
1
N/A
011
N/A
Varies
$Dx
0
1
N/A
100
N/A
Varies
$Ex
0
1
000
101
0000
Varies
$Fx
0
1
000
110
0000
Varies
Table 195. Lock bit, block identifier, and CRC states
11.2.48 Reserved registers
A register read command to a reserved register or a register with reserved bits will result
in a valid response. The data for reserved bits may be logic 0 or logic 1.
A register write command to a reserved register or a register with reserved bits will
execute and result in a valid response. The data for the reserved bits may be logic 0 or
logic 1. A write to the reserved bits must always be '0' for normal device operation and
performance.
11.2.49 Invalid register addresses
A register read command to a register address outside the addresses listed in
Section 11.1 will result in a valid response. The data for the registers will be '0x00'.
A register write command to a register address outside the addresses listed in
Section 11.1 will not execute, but will result in a valid response. The data for the registers
will be '0x00'.
A register write command to a read-only register will not execute, but will result in a valid
response. The data for the registers will be the current contents of the register.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
104 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com