| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 106 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 106 Page - NXP Semiconductors |
|
106 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor 11.4 Voltage regulators The device derives its internal supply voltage from the VCC/BUS_I and VSS pins. The internal regulators are supplied by a buffer regulator (VBUF) to provide immunity from EMC and supply dropouts on BUS_I. An external filter capacitor is required for VBUF, as shown in Section 6. The voltage regulator module includes voltage monitoring circuitry which holds the device in reset following power-on until the internal voltages have increased above the under-voltage detection thresholds. The voltage monitor asserts internal reset when the external supply or internally regulated voltages fall below the under-voltage detection thresholds. A reference generator provides a reference voltage for the ΣΔ converter. aaa-030605 VOLTAGE REGULATOR VREF VBUF VBUF VREGA VREF_MOD VREGA VREF BUS_I BANDGAP REFERENCE REFERENCE GENERATOR Σ CONVERTER OTP ARRAY DIGITAL LOGIC BIAS GENERATOR VOLTAGE REGULATOR TRIM TRIM TRIM OSCILLATOR VREF BUS_I VREG VBUF VOLTAGE REGULATOR DSP BUSI_UV_ERR COMPARATOR VBUF VBUF_UV_ERR POR COMPARATOR VREG COMPARATOR VREGA VREF COMPARATOR C2V Figure 11. Voltage regulation and monitoring 11.4.1 VBUF regulator capacitor and capacitor monitor In DSI3 and PSI5 modes, the buffer regulator requires an external capacitor between the VBUF pin and the VSS pin. Section 6 shows the recommended types and values for each FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 106 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |