Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 110 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 106Page - NXP Semiconductors FXLS93333 Datasheet HTML 107Page - NXP Semiconductors FXLS93333 Datasheet HTML 108Page - NXP Semiconductors FXLS93333 Datasheet HTML 109Page - NXP Semiconductors FXLS93333 Datasheet HTML 110Page - NXP Semiconductors FXLS93333 Datasheet HTML 111Page - NXP Semiconductors FXLS93333 Datasheet HTML 112Page - NXP Semiconductors FXLS93333 Datasheet HTML 113Page - NXP Semiconductors FXLS93333 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.5.1.1 DSI3 oscillator training
Oscillator training is enabled if the CK_CAL_EN bit is set in the TIMING_CFG register
and is accomplished by verifying the timing of periodic transmissions from the master
against the values stored in the CRM_PER[1:0] and PDCM_PER[2:0] bits of the user
read/write register array. The master programs the intended Periodic Data Collection
Mode command period into the PDCM_PER[2:0] bits and the intended Command
and Response Mode command period into the CRM_PER[1:0] bits. The device then
calculates the number of transmission periods for every 4 ms (nCRM_PER_4ms_TYP and
nPDCM_PER_4ms_-TYP).
In Command and Response Mode, oscillator training is completed over 4 ms periods
if and only if the CK_CAL_EN bit is set and the Command and Response Mode period
is between 500 µs and 4 ms, inclusive. The following procedure is used to train the
oscillator (See Figure 16):
1. The device counts the number of oscillator cycles in nCRM_PER_4ms_TYP periods
(nOSC_4ms).
2. nOSC_4ms is compared to nOSC_4ms_TYP. If the value is within the acceptable training
window (OscTrainWIN) specified in Section 10.20, an oscillator adjustment is made.
Otherwise, no adjustment is made.
a. If nOSC_4ms is greater than nOSC_4ms_TYP + OscTrainADJ, the oscillator frequency
target is decreased by OscTrainRES.
b. If nOSC_4ms is less than nOSC_4ms_TYP - OscTrainADJ, the oscillator frequency target
is increased by OscTrainRES.
c. The oscillator frequency target value is changed at the end of the command
blocking time for the command ending the nCRM_PER_OSC calculation.
If the CK_CAL_EN bit is cleared after oscillator training has already been initiated,
the state of the oscillator is determined by the state of the CK_CAL_RST bit in the
TIMING_CFG register. If the CK_CAL_RST bit is cleared, the last adjustment value for
the oscillator is maintained. If the CK_CAL_RST bit is set, the oscillator is reset to its
untrained value with the untrained tolerance specified in Section 10.20.
aaa-030610
time
oscillator
adjustment
Response
one CRM period
Command
tCmdBlock_CRM
4 ms = nCRM_PER_4ms_TYP
nOSC_4ms
new oscillator
count starts
Figure 16. Command and response mode oscillator training timing diagram
In Periodic Data Collection Mode, oscillator training is completed over 4 ms periods if
the CK_CAL_EN bit is set. The following procedure is used to train the oscillator (See
Figure 17):
1. The device counts the number of oscillator cycles in nPDCM_PER_4ms_TYP periods
(nOSC_4ms).
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
110 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com