Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 110Page - NXP Semiconductors FXLS93333 Datasheet HTML 111Page - NXP Semiconductors FXLS93333 Datasheet HTML 112Page - NXP Semiconductors FXLS93333 Datasheet HTML 113Page - NXP Semiconductors FXLS93333 Datasheet HTML 114Page - NXP Semiconductors FXLS93333 Datasheet HTML 115Page - NXP Semiconductors FXLS93333 Datasheet HTML 116Page - NXP Semiconductors FXLS93333 Datasheet HTML 117Page - NXP Semiconductors FXLS93333 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.6.2 Inertial sensor self-test interface
The analog self-test interface applies a voltage to the g-cell, causing deflection of the
proof mass. The resulting sensor data can be compared against the values stored in the
Self-test Deflection Registers (See Section 11.2.37). The self-test interface is controlled
through register write operations to the ST_CTRL[3:0] bits in the CHx_CFG_U5 register
described in Section 11.2.27. A diagram of the self-test interface is shown in Figure 19.
aaa-030613
SELFTEST
VOLTAGE
GENERATOR
STV_HIGH
High/Low Self Test Select
STV_LOW
TRANSDUCER
The following signals are all
selected by the ST_CTRL[3:0] bits
- SELFTEST ENABLE
- SELFTEST POLARITY
- High/Low Self Test Select
+
-
ENDINIT
SELFTEST ENABLE
SELFTEST POLARITY
SELFTEST ENABLE
SELFTEST POLARITY
Figure 19. Self-test interface
Two self-test voltages are available for each device range. The self-test voltage is
selected via the ST_CTRL[3:0] bits.
Self-test can be verified via the following methods:
11.6.2.1 Raw self-test deflection verification
In DSI3 mode, SPI mode or I2C mode, the raw self-test deflection can be verified against
raw self-test limits in Section 10.7.
11.6.2.2 Delta self-test deflection verification
In DSI3 mode, SPI mode or I2C mode, the raw self-test deflection can be verified against
the nominal temperature self-test deflection value recorded at the time the device was
produced. The production self-test deflection is stored in the CHx-_STy_z register as
defined in Section 11.2.37. The Delta Self-test Deflection limits can then be determined
by Equation 3 and Equation 4:
(3)
Note: This value is truncated.
(4)
Note: This value is rounded up.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
114 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com