Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 113 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 109Page - NXP Semiconductors FXLS93333 Datasheet HTML 110Page - NXP Semiconductors FXLS93333 Datasheet HTML 111Page - NXP Semiconductors FXLS93333 Datasheet HTML 112Page - NXP Semiconductors FXLS93333 Datasheet HTML 113Page - NXP Semiconductors FXLS93333 Datasheet HTML 114Page - NXP Semiconductors FXLS93333 Datasheet HTML 115Page - NXP Semiconductors FXLS93333 Datasheet HTML 116Page - NXP Semiconductors FXLS93333 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
1. The device counts the number of oscillator cycles in nI2C_PER_4ms_TYP periods
(nOSC_4ms).
2. nOSC_4ms is compared to nOSC_4ms_TYP. If the value is within the acceptable training
window (OscTrainWIN) specified in Section 10.20, an oscillator adjustment is made.
Otherwise, no adjustment is made.
a. If nOSC_4ms is greater than nOSC_4ms_TYP + OscTrainADJ, the oscillator frequency
target is decreased by OscTrainRES.
b. If nOSC_4ms is less than nOSC_4ms_TYP - OscTrainADJ, the oscillator frequency target
is increased by OscTrainRES.
c. The oscillator frequency target value is changed.
11.5.2 Oscillator training error handling
If oscillator training is enabled by the user, but the conditions are not correct to complete
oscillator training, the OSC-TRAIN_ERR bit is set in the DEVSTAT register. The following
conditions will result in the OSCTRAIN_ERR bit being set.
• The CLK_CAL_EN bit in the TIMING_CFG register is set and the measured period
(nOSC_4ms) for any mode is outside the Oscillator Training Window (OscTrainWIN).
• The result of the comparison is filtered with an up and down counter.
• If nOSC_4ms is outside the oscillator training window, the counter is incremented.
• If nOSC_4ms is inside the oscillator training window, the counter is decremented.
• If the counter reaches the OSCTRAIN_ERRCNT setting in the TIMING_CFG2 register,
the OSCTRAIN_ERR bit is set.
• The up and down counter has a maximum value of 127 and a minimum value of 0.
• The Command and Response Mode period established by the PDCM_PER and
CRM_PER settings does not fall within the 500 µs to 4 ms window.
• The Command and Response Mode period established by the PDCM_PER and
CRM_PER settings is not a whole number divisor of 4 ms.
11.6 Inertial sensor signal path
11.6.1 Inertial sensor transducer
The device transducer is an overdamped mass-spring-damper system defined by the
following transfer function:
(2)
Where:
ζ
=
Damping Ratio
ωn
=
Natural Frequency =
2∗Π∗fn
See Section 10.19 for transducer parameters.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
113 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com