Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button DS2148 Datasheet HTML 55Page - Maxim Integrated Products DS2148 Datasheet HTML 56Page - Maxim Integrated Products DS2148 Datasheet HTML 57Page - Maxim Integrated Products DS2148 Datasheet HTML 58Page - Maxim Integrated Products DS2148 Datasheet HTML 59Page - Maxim Integrated Products DS2148 Datasheet HTML 60Page - Maxim Integrated Products DS2148 Datasheet HTML 61Page - Maxim Integrated Products DS2148 Datasheet HTML 62Page - Maxim Integrated Products DS2148 Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
DS2148/DS21Q48
59 of 73
9 DC CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground……………………………………………..-1.0V to +6.0V
Operating Temperature Range for DS2148TN……………………………………………..-40
°C to +85°C
Storage Temperature Range……………………………………………………………….-55°C to +125°C
Soldering Temperature………………………………………….See IPC/JEDEC J-STD-020 Specification
* This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect device
reliability.
Table 9-1. Recommended DC Operating Conditions
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
–0.3
+0.8
V
Supply for 5V Operation
VDD
4.75
5
5.25
V
1
Table 9-2. Capacitance
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
Table 9-3. DC Characteristics
(VDD = 5.0V ±5%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
IIL
–1.0
+1.0
µA
3
Output Leakage
ILO
1.0
µA
4
Output Current (2.4V)
IOH
–1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
Supply Current
IDD
-
95
125
mA
2, 5
NOTES:
1) Applies to VDD.
2) TCLK = MCLK = 2.048MHz.
3) 0.0V < VIN < VDD.
4) Applied to
INT when tri-stated.
5) Power dissipation with TTIP and TRING driving a 30
Ω load, for an all-ones data density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com