Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS2148 Datasheet HTML 20Page - Maxim Integrated Products DS2148 Datasheet HTML 21Page - Maxim Integrated Products DS2148 Datasheet HTML 22Page - Maxim Integrated Products DS2148 Datasheet HTML 23Page - Maxim Integrated Products DS2148 Datasheet HTML 24Page - Maxim Integrated Products DS2148 Datasheet HTML 25Page - Maxim Integrated Products DS2148 Datasheet HTML 26Page - Maxim Integrated Products DS2148 Datasheet HTML 27Page - Maxim Integrated Products DS2148 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
DS2148/DS21Q48
24 of 73
3.2 Parallel Port Operation
When using the parallel interface on the DS2148 (BIS1 = 0) the user has the option for either multiplexed
bus operation (BIS1 = 0, BIS0 = 0) or nonmultiplexed bus operation (BIS1 = 0, BIS0 = 1). The DS2148
can operate with either Intel or Motorola bus timing configurations. If the PBTS pin is tied low, Intel
timing will be selected; if tied high, Motorola timing will be selected. All Motorola bus signals are listed
in parentheses. See the timing diagrams in Section 10 for more details.
3.3 Serial Port Operation
Setting BIS1 = 1 and BIS0 = 0 enables the serial bus interface on the DS2148. Port read/write timing is
unrelated to the system transmit and receive timing, allowing asynchronous reads or writes by the host.
See Section 10 for the AC timing of the serial port. All serial port accesses are LSB first. See Figure 3-1,
Figure 3-2, Figure 3-3, and Figure 3-4 for more details.
Reading or writing to the internal registers requires writing one address/command byte prior to
transferring register data. The first bit written (LSB) of the address/command byte specifies whether the
access is a read (1) or a write (0). The next 5 bits identify the register address. Bit 7 is reserved and must
be set to 0 for proper operation.
The last bit (MSB) of the address/command byte is the burst mode bit. When the burst bit is enabled
(B = 1) and a READ operation is performed, addresses 0 through 15h are read sequentially, starting at
address 0h. And when the burst bit is enabled and a WRITE operation is performed, addresses 0 through
16h are written sequentially, starting at address 0h. Burst operation is stopped once address 15h is read.
See Figure 3-5 and Figure 3-6 for more details.
All data transfers are initiated by driving the
CS input low. When input clock-edge select (ICES) is low,
input data is latched on the rising edge of SCLK and when ICES is high, input data is latched on the
falling edge of SCLK. When output clock-edge select (OCES) is low, data is output on the falling edge of
SCLK and when OCES is high, data is output on the rising edge of SCLK. Data is held until the next
falling or rising edge. All data transfers are terminated if the
CS input transitions high. Port control logic
is disabled and SDO is tri-stated when
CS is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com