Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2148 Datasheet HTML 1Page - Maxim Integrated Products DS2148 Datasheet HTML 2Page - Maxim Integrated Products DS2148 Datasheet HTML 3Page - Maxim Integrated Products DS2148 Datasheet HTML 4Page - Maxim Integrated Products DS2148 Datasheet HTML 5Page - Maxim Integrated Products DS2148 Datasheet HTML 6Page - Maxim Integrated Products DS2148 Datasheet HTML 7Page - Maxim Integrated Products DS2148 Datasheet HTML 8Page - Maxim Integrated Products DS2148 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
DS2148/DS21Q48
5 of 73
1 DETAILED DESCRIPTION
The DS2148 is a complete selectable E1 or T1 Line Interface Unit (LIU) for short- and long-haul
applications. Throughout the data sheet, J1 is represented wherever T1 exists. Receive sensitivity adjusts
automatically to the incoming signal and can be programmed for 0dB to 12dB or 0dB to 43dB for E1
applications and 0dB to 30dB or 0dB to 36dB for T1 applications. The device can generate the necessary
G.703 E1 waveshapes in 75Ω or 120Ω applications and DSX-1 line built-outs or CSU line built-outs of
0dB, -7.5dB, -15dB, and -22.5dB for T1 applications. The crystal-less onboard jitter attenuator requires
only a 2.048MHz MCLK for both E1 and T1 applications (with the option of using a 1.544MHz MCLK
in T1 applications). The jitter attenuator FIFO is selectable to either 32 bits or 128 bits in depth and can
be placed in either the transmit or receive data paths. An X 2.048MHz output clock synthesized to RCLK
is available for use as a backplane system clock (where n = 1, 2, 4, or 8). The DS2148 has diagnostic
capabilities such as loopbacks and PRBS pattern generation/detection. 16-bit loop-up and loop-down
codes can be generated and detected. The device can be controlled via an 8-bit parallel muxed or
nonmuxed port, serial port or used in hardware mode. The device fully meets all of the latest E1 and T1
specifications including ANSI T1.403-1999, ANSI T1.408, AT&T TR 62411, ITU G.703, G.704, G.706,
G.736, G.775, G.823, I.431, O.151, O.161, ETSI ETS 300 166, JTG.703, JTI.431, JJ-20.1, TBR12,
TBR13, and CTR4.
1.1 Function Description
The analog AMI/HDB3 waveform off the E1 line or the AMI/B8ZS waveform off the T1 line is
transformer coupled into the RTIP and RRING pins of the DS2148. The user has the option to use
internal software-selectable receive-side termination for 75Ω/100Ω/120
Ω applications or external
termination. The device recovers clock and data from the analog signal and passes it through the jitter
attenuation MUX outputting the received line clock at RCLK and bipolar or NRZ data at RPOS and
RNEG. The DS2148 contains an active filter that reconstructs the analog-received signal for the nonlinear
losses that occur in transmission. The receive circuitry also is configurable for various monitor
applications. The device has a usable receive sensitivity of 0dB to -43dB (E1) and 0dB to -36dB (T1),
which allows the device to operate on 0.63mm (22AWG) cables up to 2.5km (E1) and 6k feet (T1) in
length. Data input at TPOS and TNEG is sent via the jitter attenuation MUX to the waveshaping circuitry
and line driver. The DS2148 will drive the E1 or T1 line from the TTIP and TRING pins via a coupling
transformer. The line driver can handle both CEPT 30/ISDN-PRI lines for E1 and long-haul (CSU) or
short-haul (DSX-1) lines for T1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com