Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button DS2148 Datasheet HTML 60Page - Maxim Integrated Products DS2148 Datasheet HTML 61Page - Maxim Integrated Products DS2148 Datasheet HTML 62Page - Maxim Integrated Products DS2148 Datasheet HTML 63Page - Maxim Integrated Products DS2148 Datasheet HTML 64Page - Maxim Integrated Products DS2148 Datasheet HTML 65Page - Maxim Integrated Products DS2148 Datasheet HTML 66Page - Maxim Integrated Products DS2148 Datasheet HTML 67Page - Maxim Integrated Products DS2148 Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
DS2148/DS21Q48
64 of 73
Table 10-2. AC Characteristics—Nonmultiplexed Parallel Port
(BIS1 = 0, BIS0 = 1)
(VDD = 5.0V ±5%, TA = -40°C to +85°C.) (See Figure 10-4, Figure 10-5, Figure 10-6, and
Figure 10-7.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Setup Time for A0 to A4, Valid
to
CS Active
t1
0
ns
Setup Time for
CS Active to
Either
RD, WR, or DS Active
t2
0
ns
Delay Time From Either
RD or
DS Active to Data Valid
t3
75
ns
Hold Time From Either
RD,
WR, or DS Inactive to CS
Inactive
t4
0
ns
Hold Time From
CS Inactive to
Data Bus tri-state
t5
5
20
ns
Wait Time From Either
WR or
DS Active to Latch Data
t6
75
ns
Data Setup Time To Either
WR
or
DS Inactive
t7
10
ns
Data Hold Time From Either
WR or DS Inactive
t8
10
ns
Address Hold From Either
WR
or
DS Inactive
t9
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com