Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS2148 Datasheet HTML 35Page - Maxim Integrated Products DS2148 Datasheet HTML 36Page - Maxim Integrated Products DS2148 Datasheet HTML 37Page - Maxim Integrated Products DS2148 Datasheet HTML 38Page - Maxim Integrated Products DS2148 Datasheet HTML 39Page - Maxim Integrated Products DS2148 Datasheet HTML 40Page - Maxim Integrated Products DS2148 Datasheet HTML 41Page - Maxim Integrated Products DS2148 Datasheet HTML 42Page - Maxim Integrated Products DS2148 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
DS2148/DS21Q48
39 of 73
6 DIAGNOSTICS
6.1 In-Band Loop Code Generation and Detection
The DS2148 can generate and detect a repeating bit pattern that is from one to eight or sixteen bits in
length. To transmit a pattern, the user will load the pattern to be sent into the Transmit Code Definition
(TCD1 and TCD2) registers and select the proper length of the pattern by setting the TC0 and TC1 bits in
the In-Band Code Control (IBCC) register. When generating a 1, 2, 4, 8, or 16 bit pattern both the
transmit code registers (TCD1 and TCD2) must be filled with the proper code. Generation of a 1, 3, 5, or
7-bit pattern only requires TCD1 to be filled. Once this is accomplished, the pattern will be transmitted as
long as the TLCE control bit (CCR3.3) is enabled. As an example, if the user wished to transmit the
standard “loop up” code for Channel Service Units which is a repeating pattern of ...10000100001... then
80h would be loaded into TCD1 and the length would set using TC1 and TC0 in the IBCC register to 5
bits.
The DS2148 can detect two separate repeating patterns to allow for both a loop-up code and a loop-down
code to be detected. The user will program the codes to be detected in the Receive Up Code Definition
(RUPCD1 and RUPCD2) registers and the Receive Down Code Definition (RDNCD1 and RDNCD2)
registers and the length of each pattern will be selected via the IBCC register. The DS2148 will detect
repeating pattern codes with bit error rates as high as 1x10-2. The code detector has a nominal integration
period of 48ms, hence, after about 48ms of receiving either code, the proper status bit (LUP at SR.7 and
LDN at SR.6) will be set to a one. Normally codes are sent for a period of 5 seconds. It is recommended
that the software poll the DS2148 every 100ms to 1000ms until 5 seconds has elapsed to ensure that the
code is continuously present.
IBCC (0AH): IN–BAND CODE CONTROL REGISTER
(MSB)
(LSB)
TC1
TC0
RUP2
RUP1
RUP0
RDN2
RDN1
RDN0
SYMBOL
POSITION
DESCRIPTION
TC1
IBCC.7
Transmit Code Length Definition Bit 1. See Table 6-1.
TC0
IBCC.6
Transmit Code Length Definition Bit 0. See Table 6-1.
RUP2
IBCC.5
Receive Up Code Length Definition Bit 2. See Table 6-2.
RUP1
IBCC.4
Receive Up Code Length Definition Bit 1. See Table 6-2.
RUP0
IBCC.3
Receive Up Code Length Definition Bit 0. See Table 6-2.
RDN2
IBCC.2
Receive Down Code Length Definition Bit 2. See Table 6-2.
RDN1
IBCC.1
Receive Down Code Length Definition Bit 1. See Table 6-2.
RDN0
IBCC.0
Receive Down Code Length Definition Bit 0. See Table 6-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com