Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS2148 Datasheet HTML 15Page - Maxim Integrated Products DS2148 Datasheet HTML 16Page - Maxim Integrated Products DS2148 Datasheet HTML 17Page - Maxim Integrated Products DS2148 Datasheet HTML 18Page - Maxim Integrated Products DS2148 Datasheet HTML 19Page - Maxim Integrated Products DS2148 Datasheet HTML 20Page - Maxim Integrated Products DS2148 Datasheet HTML 21Page - Maxim Integrated Products DS2148 Datasheet HTML 22Page - Maxim Integrated Products DS2148 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
DS2148/DS21Q48
19 of 73
NAME
PIN
I/O
FUNCTION
NRZE
3
I
NRZ Enable [H/W Mode]
0 = Bipolar data at RPOS/RNEG and TPOS/TNEG
1 = NRZ data at RPOS and TPOS or TNEG; RNEG outputs a positive going
pulse when device receives a BPV, CV, or EXZ.
PBEO
24
O
PRBS Bit Error Output. The receiver will constantly search for a QRSS (T1)
or a 215-1 (E1) PRBS depending on whether T1 or E1 mode is selected. Remains
high if out of synchronization with the PRBS pattern. Goes low when
synchronized to the PRBS pattern. Any errors in the received pattern after
synchronization will cause a positive going pulse (with same period as E1 or T1
clock) synchronous with RCLK.
RCLK
40
O
Receive Clock. Buffered recovered clock from the line. Synchronous to MCLK
in absence of signal at RTIP and RRING.
RCL
25
O
Receive Carrier Loss. An output which will toggle high during a receive carrier
loss.
RNEG
39
O
Receive Negative Data. Updated on the rising edge (CES = 0) or the falling
edge (CES = 1) of RCLK with the bipolar data out of the line interface. Set
NRZE to a one for NRZ applications. In NRZ mode, data will be output on
RPOS while a received error will cause a positive-going pulse synchronous with
RCLK at RNEG. See Section 6.4 for details.
RPOS
38
O
Receive Positive Data. Updated on the rising edge (CES = 0) or the falling edge
(CES = 1) of RCLK with bipolar data out of the line interface. Set NRZE pin to a
one for NRZ applications. In NRZ mode, data will be output on RPOS while a
received error will cause a positive-going pulse synchronous with RCLK at
RNEG. See Section 6.4 for details.
RT0/RT1
44/23
I
Receive LIU Termination Select Bits 0 & 1 [H/W Mode]. These inputs
determine the receive termination. See Table 2-12.
RTIP/
RRING
27/28
I
Receive Tip and Ring. Analog inputs for clock recovery circuitry. These pins
connect via a 1:1 transformer to the line. See Section 5 for details.
SCLKE
4
I
Receive & Transmit Synchronization Clock Enable.
0 = disable 2.048MHz synchronization transmit and receive mode
1 = enable 2.048MHz synchronization transmit and receive mode
TCLK
43
I
Transmit Clock. A 2.048MHz or 1.544MHz primary clock. Used to clock data
through the transmit side formatter.
TEST
26
I
Tri-State Control. Set high to tri-state all outputs and I/O pins (including the
parallel control port). Set low for normal operation. Useful in board level testing.
TNEG
42
I
Transmit Negative Data. Sampled on the falling edge (CES = 0) or the rising
edge (CES = 1) of TCLK for data to be transmitted out onto the line.
TPD
13
I
Transmit Power-Down
0 = normal transmitter operation
1 = powers down the transmitter and tri-states the TTIP and TRING pins
TPOS
41
I
Transmit Positive Data. Sampled on the falling edge (CES = 0) or the rising
edge (CES = 1) of TCLK for data to be transmitted out onto the line.
TTIP/
TRING
34/37
O
Transmit Tip and Ring. Analog line driver outputs. These pins connect via a
step-up transformer to the line. See Section 5 for details.
TX0/TX1
14/15
I
Transmit Data Source Select Bits 0 & 1 [H/W Mode]. These inputs determine
the source of the transmit data. See Table 2-9.
VDD
21/36
-
5.0V ±5% Positive Supply
VSM
20
I
Voltage Supply Mode. Should be tied high for 5V operation
VSS
22/35
-
Signal Ground
Note 1: G.703 requires an accuracy of ±50ppm for both T1 and E1. TR62411 and ANSI specs require an accuracy of ±32ppm for T1
interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com