Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button DS2148 Datasheet HTML 30Page - Maxim Integrated Products DS2148 Datasheet HTML 31Page - Maxim Integrated Products DS2148 Datasheet HTML 32Page - Maxim Integrated Products DS2148 Datasheet HTML 33Page - Maxim Integrated Products DS2148 Datasheet HTML 34Page - Maxim Integrated Products DS2148 Datasheet HTML 35Page - Maxim Integrated Products DS2148 Datasheet HTML 36Page - Maxim Integrated Products DS2148 Datasheet HTML 37Page - Maxim Integrated Products DS2148 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
DS2148/DS21Q48
34 of 73
SYMBOL
POSITION
DESCRIPTION
RJAB
CCR6.3
RCLK Jitter Attenuator Bypass. This control bit allows the recovered
received clock and data to bypass the jitter attenuation while still
allowing the BPCLK output to use the jitter attenuator. See Figure 1-1
and Section 7.1 for details.
0 = disabled
1 = enabled
ECRS2
CCR6.2
Error Count Register Select 2. See Section 6.4 for details.
ECRS1
CCR6.1
Error Count Register Select 1. See Section 6.4 for details.
ECRS0
CCR6.0
Error Count Register Select 0. See Section 6.4 for details.
5 STATUS REGISTERS
There are three registers that contain information on the current real-time status of the device, status
register (SR), and receive information registers 1 and 2 (RIR1/RIR2). When a particular event has
occurred (or is occurring), the appropriate bit in one of these three registers will be set to a one. Some of
the bits in SR, RIR1, and RIR2 are latched bits and some are real-time bits. The register descriptions
below list which status bits are latched and which are real-time bits. For latched status bits, when an event
or an alarm occurs the bit is set to a one and will remain set until the user reads that bit. The bit will be
cleared when it is read and it will not be set again until the event has occurred again. Two of the latched
status bits (RUA1 & RCL) will remain set after reading if the alarm is still present.
The user will always precede a read of any of the three status registers with a write. The byte written to
the register will inform the DS2148 which bits the user wishes to read and have cleared. The user will
write a byte to one of these registers with a one in the bit positions to be read and a zero in the other bit
positions. When a one is written to a bit location, that location will be updated with the latest information.
When a zero is written to a bit position, that bit position will not be updated and the previous value will
be held. A write to the status and information registers will be immediately followed by a read of the
same register. The read result should be logically ANDed with the mask byte that was just written and
this value should be written back into the same register to ensure that bit does indeed clear. This second
write step is necessary because the alarms and events in the status registers occur asynchronously with
respect to their access via the parallel port. This write-read-write scheme allows an external
microcontroller or microprocessor to individually poll certain bits without disturbing the other bits in the
register. This operation is key in controlling the DS2148 with higher-order software languages.
The bits in the SR register have the unique ability to initiate a hardware interrupt via the
INT output pin.
Each of the alarms and events in the SR can be either masked or unmasked from the interrupt pin via the
interrupt mask register (IMR). The interrupts caused by the RCL, RUA1, and LOTC bits in SR act
differently than the interrupts caused by the other status bits in SR. The RCL, RUA1 and LOTC bits will
force the
INT pin low whenever they change state (i.e., go active or inactive). The INT pin will be
allowed to return high (if no other interrupts are present) when the user reads the alarm bit that caused the
interrupt to occur even if the alarm is still present. The other status bits in SR can force the
INT pin low
when they are set. The
INT pin will be allowed to return high (if no other interrupts are present) when the
user reads the event bit that caused the interrupt to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com