Electronic Components Datasheet Search
  English  ▼

X  

DS2148 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # DS2148
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button DS2148 Datasheet HTML 50Page - Maxim Integrated Products DS2148 Datasheet HTML 51Page - Maxim Integrated Products DS2148 Datasheet HTML 52Page - Maxim Integrated Products DS2148 Datasheet HTML 53Page - Maxim Integrated Products DS2148 Datasheet HTML 54Page - Maxim Integrated Products DS2148 Datasheet HTML 55Page - Maxim Integrated Products DS2148 Datasheet HTML 56Page - Maxim Integrated Products DS2148 Datasheet HTML 57Page - Maxim Integrated Products DS2148 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
DS2148/DS21Q48
54 of 73
Figure 7-6. Jitter Tolerance
Figure 7-7. Jitter Attenuation
FREQUENCY (Hz)
1K
100
10
1
0.1
10
100
1K
10K
100K
DS2148
Tolerance
1
TR 62411 (Dec. 90)
ITU-T G.823
FREQUENCY (Hz)
0dB
-20dB
-40dB
-60dB
1
10
100
1K
10K
100K
TR 62411 (Dec. 90)
Prohibited Area
ITU G.7XX
Prohibited Area
TBR12
Prohibited
Area
T1
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com