Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 35Page - Dialog Semiconductor SLG46585M Datasheet HTML 36Page - Dialog Semiconductor SLG46585M Datasheet HTML 37Page - Dialog Semiconductor SLG46585M Datasheet HTML 38Page - Dialog Semiconductor SLG46585M Datasheet HTML 39Page - Dialog Semiconductor SLG46585M Datasheet HTML 40Page - Dialog Semiconductor SLG46585M Datasheet HTML 41Page - Dialog Semiconductor SLG46585M Datasheet HTML 42Page - Dialog Semiconductor SLG46585M Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
39 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
5
IO Pins
The SLG46585 has a total of 9 multi-function IO pins which can function as either a user defined Input or Output, as well as serving
as a special function (such as outputting the voltage reference), or serving as a signal for programming of the on-chip Non-Volatile
Memory (NVM).
Refer to Section 2 for normal and programming mode pin definitions.
Normal Mode pin definitions are as follows:
IO0: General Purpose Input or Output with OE
IO1 General Purpose Input or Output or Analog Comparator 0(+)
IO2: General Purpose Input or Output with OE or Analog Comparator 1(+)
IO3: General Purpose Input
VDD: VDD Power supply
SCL: I
2C_SCL
SDA: I
2C_SDA
IO4: General Purpose Input or Output with OE or Analog Comparator (-)
LDO Pins:
LDO0 VOUT: LDO0 Output or Analog Comparator 3(+)
LDO0/1 VIN: LDO0 & LDO1 Input or Analog Comparator 0(+)
LDO1 VOUT: LDO1 Output
LDO2 VOUT: LDO2 Output or Analog Comparator 3(+)
LDO2/3 VIN: LDO2 & LDO3 Input or Analog Comparator 1(+)
LDO3 VOUT: LDO3 Output
AGND: LDO Ground
IO5: General Purpose Input or Output or Analog Comparator 2(+)
IO6: General Purpose Input or Output with OE or Analog Comparator 3(+)
GND: Ground
Programming Mode pin definitions are as follows:
IO3: VPP Programming voltage
VDD: VDD Power supply
SCL: Programming SCL
SDA: Programming SDA
IO5: Programming Mode Control
GND: Ground
Of the 9 user defined IO pins on the SLG46585, all but one of the pins (IO3) can serve as both digital input and digital output. IO3
can only serve as a digital input pin with RESET function, which has settings as follows:
Level polarity:
Non-inverted
Inverted
Reset mode:
Level sensitive
Edge triggered
Edge detection:
Rising edge
Falling edge
5.1 INPUT MODES
Each IO pin can be configured as a digital input pin with/without Schmitt Trigger and low voltage input. IO1, IO2, IO5, and IO6
can also be configured to serve as analog inputs to the on-chip comparators. IO4 can also be configured as ACMP reference
voltage input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com